Electronic Components Datasheet Search
  English  ▼

X  

BYR29F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYR29F
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYR29F Datasheet(HTML) 1 Page - NXP Semiconductors

  BYR29F Datasheet HTML 1Page - NXP Semiconductors BYR29F Datasheet HTML 2Page - NXP Semiconductors BYR29F Datasheet HTML 3Page - NXP Semiconductors BYR29F Datasheet HTML 4Page - NXP Semiconductors BYR29F Datasheet HTML 5Page - NXP Semiconductors BYR29F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYR29F series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 500 V/ 600 V/ 700 V /
• Fast switching
800 V
• Soft recovery characteristic
• Reverse surge capability
V
F ≤ 1.5 V
• High thermal cycling performance
• Isolated mounting tab
I
F(AV) = 8 A
t
rr ≤ 75 ns
GENERAL DESCRIPTION
PINNING
SOD100
Ultra-fast, epitaxial rectifier diodes
PIN
DESCRIPTION
intended for use as output rectifiers
in high frequency switched mode
1
cathode
power supplies.
2
anode
The BYR29F series is supplied in
the conventional leaded SOD100
tab
isolated
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYR29F
-500
-600
-700
-800
V
RRM
Peak repetitive reverse voltage
-
500
600
700
800
V
V
RWM
Crest working reverse voltage
-
500
600
700
800
V
V
R
Continuous reverse voltage
T
hs ≤ 136 ˚C
-
500
600
700
800
V
I
F(AV)
Average forward current
1
square wave;
-
8
A
δ = 0.5;
T
hs ≤ 73 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
T
hs ≤ 73 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
60
A
current
t = 8.3 ms
-
66
A
sinusoidal; with
reapplied V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
k
a
12
12
case
1 Neglecting switching and reverse current losses
September 1998
1
Rev 1.400


Similar Part No. - BYR29F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYR29F-500 ISC-BYR29F-500 Datasheet
307Kb / 2P
Ultrafast Power Diode
BYR29F-600 ISC-BYR29F-600 Datasheet
307Kb / 2P
Ultrafast Power Diode
BYR29F-700 ISC-BYR29F-700 Datasheet
307Kb / 2P
Ultrafast Power Diode
BYR29F-800 ISC-BYR29F-800 Datasheet
308Kb / 2P
Ultrafast Power Diode
More results

Similar Description - BYR29F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
Ultrafast Rectifier Diodes
logo
NXP Semiconductors
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com