Electronic Components Datasheet Search
  English  ▼

X  

BYR29F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYR29F
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYR29F Datasheet(HTML) 3 Page - NXP Semiconductors

  BYR29F Datasheet HTML 1Page - NXP Semiconductors BYR29F Datasheet HTML 2Page - NXP Semiconductors BYR29F Datasheet HTML 3Page - NXP Semiconductors BYR29F Datasheet HTML 4Page - NXP Semiconductors BYR29F Datasheet HTML 5Page - NXP Semiconductors BYR29F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYR29F series
ultrafast
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Maximum forward dissipation P
F = f(IF(AV));
square wave where I
F(AV) =IF(RMS) x √D.
Fig.4. Maximum forward dissipation P
F = f(IF(AV));
sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.5. Maximum permissible rms current I
F(RMS) versus
pulse width.
Fig.6. Maximum t
rr at Tj = 25˚C and 100˚C.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
0
123
45
67
8
0
5
10
15
a = 1.57
1.9
2.2
2.8
4
BYR29
IF(AV) / A
PF / W
Ths(max) / C
150
106
73
139
84
128
117
95
Vo = 1.26 V
Rs = 0.03 Ohms
time
time
V F
V
fr
V F
I
F
10us
100us
1ms
10ms
100ms
0
2
4
6
8
10
12
BT134W
tp / s
IF(RMS) / A
02
468
10
12
0
5
10
15
20
D = 1.0
0.5
0.2
0.1
BYR29
IF(AV) / A
PF / W
Ths(max) / C
150
122.5
95
40
67.5
Vo = 1.26 V
Rs = 0.03 Ohms
D =
tp
tp
T
T
t
I
1
10
trr / ns
110
100
1000
100
dIF/dt (A/us)
1A
IF=10 A
Tj = 25 C
Tj = 100 C
September 1998
3
Rev 1.400



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com