Electronic Components Datasheet Search
  English  ▼

X  

BYT28 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYT28
Description  Dual rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYT28 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYT28 Datasheet HTML 1Page - NXP Semiconductors BYT28 Datasheet HTML 2Page - NXP Semiconductors BYT28 Datasheet HTML 3Page - NXP Semiconductors BYT28 Datasheet HTML 4Page - NXP Semiconductors BYT28 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Dual rectifier diodes
BYT28 series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V/ 400 V/ 500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.05 V
• High thermal cycling performance
• Low thermal resistance
I
O(AV) = 10 A
t
rr ≤ 60 ns
GENERAL DESCRIPTION
PINNING
SOT78 (TO220AB)
Dual, common cathode, ultra-fast,
PIN
DESCRIPTION
epitaxial rectifier diodes intended
for use as output rectifiers in high
1
cathode
frequency switched mode power
supplies.
2
anode
The BYT28 series is supplied in the
tab
cathode
conventional
leaded
SOT78
(TO220AB) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYT28
-300
-400
-500
V
RRM
Repetitive peak reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
T
mb ≤ 147˚C
-
300
400
500
V
I
O(AV)
Average rectified output current square wave;
δ = 0.5;
-
10
A
(both diodes conducting)
1
T
mb ≤ 115 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
50
A
current per diode.
t = 8.3 ms
-
55
A
sinusoidal; with reapplied
V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
per diode
-
-
4.5
K/W
heatsink
both diodes conducting
-
-
3.0
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
k
a1
a2
13
2
12 3
tab
1 Neglecting switching and reverse current losses.
October 1998
1
Rev 1.400


Similar Part No. - BYT28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT28 VISHAY-BYT28 Datasheet
47Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
logo
Vishay Siliconix
BYT28-300 VISHAY-BYT28-300 Datasheet
47Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
BYT28-300 VISHAY-BYT28-300 Datasheet
158Kb / 5P
Dual Ultrafast Soft Recovery Rectifier
06-Nov-07
logo
WeEn Semiconductors
BYT28-300 WEEN-BYT28-300 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
More results

Similar Description - BYT28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV34 PHILIPS-BYV34 Datasheet
46Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV44 PHILIPS-BYV44 Datasheet
45Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV74 PHILIPS-BYV74 Datasheet
41Kb / 6P
Dual rectifier diodes ultrafast
August 1996 Rev 1.200
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
Dual rectifier diodes ultrafast
September 1998 Rev 1.300
BYV74W PHILIPS-BYV74W Datasheet
51Kb / 5P
Dual rectifier diodes ultrafast
April 1998 Rev 1.000
logo
Advanced Power Technolo...
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28_15 Datasheet
115Kb / 10P
Dual rectifier diodes ultrafast
Rev. 5-3 November 2011
BYV44 PHILIPS-BYV44_15 Datasheet
111Kb / 7P
Dual rectifier diodes ultrafast
October 1998
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
BYV44 WEEN-BYV44 Datasheet
313Kb / 7P
Dual rectifier diodes ultrafast
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com