Electronic Components Datasheet Search
  English  ▼

X  

BYT28 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYT28
Description  Dual rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYT28 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYT28 Datasheet HTML 1Page - NXP Semiconductors BYT28 Datasheet HTML 2Page - NXP Semiconductors BYT28 Datasheet HTML 3Page - NXP Semiconductors BYT28 Datasheet HTML 4Page - NXP Semiconductors BYT28 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Dual rectifier diodes
BYT28 series
ultrafast
ELECTRICAL CHARACTERISTICS
characteristics are per diode at T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 5 A; Tj = 150˚C
-
0.95
1.05
V
I
F = 10 A
-
1.30
1.40
V
I
R
Reverse current
V
R = VRRM
-
2.0
10
µA
V
R = VRRM; Tj = 100 ˚C
-
10
200
µA
Q
s
Reverse recovery charge
I
F = 2 A to VR ≥ 30 V;
-
50
60
nC
dI
F/dt = 20 A/µs
t
rr
Reverse recovery time
I
F = 1 A to VR ≥ 30 V;
-
50
60
ns
dI
F/dt = 100 A/µs
I
rrm
Peak reverse recovery current
I
F = 5 A to VR ≥ 30 V;
-
2.0
3.0
A
dI
F/dt = 50 A/µs; Tj = 100˚C
V
fr
Forward recovery voltage
I
F = 1 A; dIF/dt = 10 A/µs
-
2.5
-
V
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square wave where I
F(AV) =IF(RMS) x √D.
Fig.4. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
01
23
456
78
0
1
2
3
4
5
6
7
8
9
D = 1.0
0.5
0.2
0.1
BYT28
IF(AV) / A
PF / W
Rs = 0.021 Ohms
Vo = 0.945 V
Tmb(max) / C
150
145.5
141
132
123
114
136.5
127.5
118.5
109.5
D =
tp
tp
T
T
t
I
time
time
V F
V
fr
V F
I
F
01
234
5
0
1
2
3
4
5
6
a = 1.57
1.9
2.2
2.8
4
BYT28
IF(AV) / A
PF / W
Tmb(max) / C
150
145.5
141
132
136.5
127.5
123
Vo = 0.945 V
Rs = 0.021 Ohms
October 1998
2
Rev 1.400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com