Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices AD8315ARM Datasheet HTML 10Page - Analog Devices AD8315ARM Datasheet HTML 11Page - Analog Devices AD8315ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8315
Rev. C | Page 8 of 24
RF INPUT AMPLITUDE (dBV)
4
–4
0
–70
2
0
–1
–2
–3
3
1
–60
(+3dBm)
(–47dBm)
–30°C
+85°C
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
–80
–50
–40
–30
–20
–10
Figure 9. Distribution of Error at Temperature After Ambient Normalization vs.
Input Amplitude, 3 Sigma to Either Side of Mean, 0.1 GHz
RF INPUT AMPLITUDE (dBV)
4
–4
–70
2
0
–1
–2
–3
3
1
(+3dBm)
(–47dBm)
0
–60
+85°C
–30°C
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
–80
–50
–40
–30
–20
–10
Figure 10. Distribution of Error at Temperature After Ambient Normalization vs.
Input Amplitude, 3 Sigma to Either Side of Mean, 0.9 GHz
FREQUENCY (GHz)
3000
2700
0
02.5
1800
900
600
300
2400
2100
1200
1500
0
–200
–2000
–800
–1400
–1600
–1800
–400
–600
–1200
–1000
R
X
FREQUENCY
(GHz)
0.1
0.9
1.9
2.5
R –
2700 –
730 –
460 –
440 –
jXΩ
j1500
j220
j130
j110
R –
2900 –
700 –
130 –
170 –
jXΩ
j1900
j240
j80
j70
MSOP CHIP SCALE (LFCSP)
R (LFCSP)
R (MSOP)
X (LFCSP)
X (MSOP)
0.5
1.0
1.5
2.0
Figure 11. Input Impedance
RF INPUT AMPLITUDE (dBV)
4
–4
–70
2
0
–1
–2
–3
3
1
(+3dBm)
(–47dBm)
0
–60
–30°C
+85°C
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
–80
–50
–40
–30
–20
–10
Figure 12. Distribution of Error at Temperature After Ambient Normalization vs.
Input Amplitude, 3 Sigma to Either Side of Mean, 1.9 GHz
4
–4
–70
2
0
–1
–2
–3
3
1
RF INPUT AMPLITUDE (dBV)
0
–60
(+3dBm)
(–47dBm)
–30°C
+85°C
ERROR AT +85°C AND –30°C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25°C
–80
–50
–40
–30
–20
–10
Figure 13. Distribution of Error at Temperature After Ambient Normalization vs.
Input Amplitude, 3 Sigma to Either Side of Mean, 2.5 GHz
10
8
0
1.3
6
4
2
INCREASING
VENBL
DECREASING
VENBL
VENBL (V)
1.4
1.5
1.6
1.7
Figure 14. Supply Current vs. VENBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com