Electronic Components Datasheet Search
  English  ▼

X  

AD8315ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 16Page - Analog Devices AD8315ARM Datasheet HTML 17Page - Analog Devices AD8315ARM Datasheet HTML 18Page - Analog Devices AD8315ARM Datasheet HTML 19Page - Analog Devices AD8315ARM Datasheet HTML 20Page - Analog Devices AD8315ARM Datasheet HTML 21Page - Analog Devices AD8315ARM Datasheet HTML 22Page - Analog Devices AD8315ARM Datasheet HTML 23Page - Analog Devices AD8315ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8315
Rev. C | Page 20 of 24
ANTENNA
STRIPLINE
PA
AD8315
RFIN
CC
RIN
CIN
RATTN
Figure 42. Series Attention Input Coupling Option
Figure 42 shows a third method for coupling the input
signal into the AD8315. A series resistor, connected to the RF
source, combines with the input impedance of the AD8315 to
resistively divide the input signal being applied to the input.
This has the advantage of very little power being tapped off in
RF power transmission applications.
USING THE CHIP SCALE PACKAGE
On the underside of the chip scale package, there is an exposed
paddle. This paddle is internally connected to the chip’s ground.
There is no thermal requirement to solder the paddle down to
the printed circuit board’s ground plane. However, soldering
down the paddle has been shown to increase the stability over
frequency of the AD8315 ACP’s response at low input power
levels (that is, at around −45 dBm) in the DCS and PCS bands.
EVALUATION BOARD
Figure 43 shows the schematic of the AD8315 MSOP evaluation
board. The layout and silkscreen of the component side are
shown in Figure 44 and Figure 45. An evaluation board is also
available for the LFCSP package (see the Ordering Guide for
exact part numbers). Apart from the slightly smaller device
footprint, the LFCSP evaluation board is identical to the MSOP
board. The board is powered by a single supply in the 2.7 V to
5.5 V range. The power supply is decoupled by a single 0.1 μF
capacitor.
Table 5 details the various configuration options of the
evaluation board.
1
2
3
4
5
6
7
8
C1
0.1µF
TP1
VPOS
R3
0Ω
R4
(OPEN)
C2
(OPEN)
TP2
RFIN
ENBL
VSET
FLTR
VPOS
VAPC
NC
COMM
AD8315
R1
0Ω
VPOS
SW1
J1
J2
RFIN
VSET
C4
(OPEN)
LK1
LK2
NC = NO CONNECT
VPOS
C5
0.1µF
R8
10kΩ
C3
0.1µF
R7
16.2kΩ
R6
17.8kΩ
R5
10kΩ
AD8031
R2
52.3Ω
J2
VAPC
Figure 43. Evaluation Board Schematic (MSOP)
Table 5. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
SW1
Device Enable. When in Position A, the ENBL pin is connected to VPOS and the AD8315 is
in operating mode. In Position B, the ENBL pin is grounded putting the device in power-down mode.
SW1 = A
R1, R2
Input Interface. The 52.3 Ω resistor in Position R2 combines with the AD8315’s internal input
impedance to give a broadband input impedance of around 50 Ω. A reactive match can be
implemented by replacing R2 with an inductor and R1 (0 Ω) with a capacitor. Note that the
AD8315’s RF input is internally ac-coupled.
R2 = 52.3 Ω (Size 0603)
R1 = 0 Ω (Size 0402)
R3, R4, C2
Output Interface. R4 and C2 can be used to check the response of VAPC to capacitive and resistive
loading. R3/R4 can be used to reduce the slope of VAPC.
R4 = C2 = Open (Size 0603)
R3 = 0 Ω (Size 0603)
C1
Power Supply Decoupling. The nominal supply decoupling consists of a 0.1 μF capacitor.
C1 = 0.1 μF (Size 0603)
C4
Filter Capacitor. The response time of VAPC can be modified by placing a capacitor between
FLTR (Pin 4) and ground.
C4 = Open (Size 0603)
LK1, LK2
Measurement Mode. A quasimeasurement mode can be implemented by installing LK1 and LK2
(connecting an inverted VAPC to VSET) to yield the nominal relationship between RFIN and VSET.
In this mode, a large capacitor (0.01 μF or greater) must be installed in C4.
LK1, LK2 = Installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com