Electronic Components Datasheet Search
  English  ▼

X  

AD8324ACP Datasheet(PDF) 4 Page - Analog Devices

Part # AD8324ACP
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324ACP Datasheet(HTML) 4 Page - Analog Devices

  AD8324ACP Datasheet HTML 1Page - Analog Devices AD8324ACP Datasheet HTML 2Page - Analog Devices AD8324ACP Datasheet HTML 3Page - Analog Devices AD8324ACP Datasheet HTML 4Page - Analog Devices AD8324ACP Datasheet HTML 5Page - Analog Devices AD8324ACP Datasheet HTML 6Page - Analog Devices AD8324ACP Datasheet HTML 7Page - Analog Devices AD8324ACP Datasheet HTML 8Page - Analog Devices AD8324ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8324
Rev. A | Page 4 of 16
LOGIC INPUTS (TTL/CMOS COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
3.3
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 3.3 V), CLK, SDATA, DATEN
0
20
nA
Logic 0 Current (VINL = 0 V), CLK, SDATA, DATEN
−600
−100
nA
Logic 1 Current (VINH = 3.3 V), TXEN
50
190
μA
Logic 0 Current (VINL = 0 V), TXEN
−250
−30
μA
Logic 1 Current (VINH = 3.3 V), SLEEP
50
190
μA
Logic 0 Current (VINL = 0 V), SLEEP
−250
−30
μA
TIMING REQUIREMENTS
VCC = 3.3 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Clock Pulse Width (tWH)
16.0
ns
Clock Period (tC)
32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time DATEN vs. Clock (tES)
15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time DATEN vs. Clock (tEH)
3.0
ns
Input Rise and Fall Times, SDATA, DATEN, Clock (tR, tF)
10
ns
tDS
CLK
VALID DATA WORD G1
MSB . . . LSB
SDATA
DATEN
TXEN
ANALOG
OUTPUT
VALID DATA WORD G2
8 CLOCK CYCLES
GAIN TRANSFER (G1)
GAIN TRANSFER (G2)
SIGNAL AMPLITUDE (p-p)
tC
tVUH
tES
tEH
tOFF
tGS
tCN
Figure 3. Serial Interface Timing
CLK
SDATA
MSB
MSB-1
MSB-2
VALID DATA BIT
tDS
tDH
Figure 4. SDATA Timng



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com