Electronic Components Datasheet Search
  English  ▼

X  

AD8324ACP Datasheet(PDF) 1 Page - Analog Devices

Part # AD8324ACP
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324ACP Datasheet(HTML) 1 Page - Analog Devices

  AD8324ACP Datasheet HTML 1Page - Analog Devices AD8324ACP Datasheet HTML 2Page - Analog Devices AD8324ACP Datasheet HTML 3Page - Analog Devices AD8324ACP Datasheet HTML 4Page - Analog Devices AD8324ACP Datasheet HTML 5Page - Analog Devices AD8324ACP Datasheet HTML 6Page - Analog Devices AD8324ACP Datasheet HTML 7Page - Analog Devices AD8324ACP Datasheet HTML 8Page - Analog Devices AD8324ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3.3 V Upstream
Cable Line Driver
AD8324
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Supports DOCSIS 2.0 and Euro-DOCSIS standards for
reverse path transmission systems
Gain programmable in 1 dB steps over a 59 dB range
Low distortion at 61 dBmV output:
–59 dBc SFDR at 21 MHz
–54 dBc SFDR at 65 MHz
Output noise level @ minimum gain 1.3 nV/√Hz
Maintains 75 Ω output impedance in TX-enable and
Transmit-disable condition
Upper bandwidth: 100 MHz (full gain range)
3.3 V supply operation
Supports SPI® interfaces
APPLICATIONS
DOCSIS 2.0 and Euro-DOCSIS cable modems
CATV set-top boxes
CATV telephony modems
Coaxial and twisted pair line drivers
GENERAL DESCRIPTION
The AD83241 is a low cost amplifier designed for coaxial line
driving. The features and specifications make the AD8324
ideally suited for DOCSIS 2.0 and Euro-DOCSIS applications.
The gain of the AD8324 is digitally controlled. An 8-bit serial
word determines the desired output gain over a 59 dB range,
resulting in gain changes of 1 dB/LSB.
The AD8324 accepts a differential or single-ended input signal.
The output is specified for driving a 75 Ω load through a 1:1
transformer.
Distortion performance of –54 dBc is achieved with an output
level up to 61 dBmV at 65 MHz bandwidth.
This device has a sleep mode function that reduces the quies-
cent current to 30 μA and a full power-down function that
reduces power-down current to 2.5 mA.
The AD8324 is packaged in a low cost 20-lead LFCSP package
and a 20-lead QSOP package. The AD8324 operates from a
single 3.3 V supply.
FUNCTIONAL BLOCK DIAGRAM
VIN+
VIN–
VOUT+
VOUT–
ZIN (SINGLE) = 550Ω
ZIN (DIFF) = 1100Ω
RAMP
ZOUT DIFF =
75
Ω
SHIFT
REGISTER
DATA LATCH
DECODE
POWER-
DOWN LOGIC
GND
DATEN
DATA CLK
TXEN
SLEEP
8
8
8
AD8324
VERNIER
DIFF
OR SINGLE
INPUT
AMP
OUTPUT
STAGE
BYP
ATTENUATION
CORE
Figure 1. Functional Block Diagram
FREQUENCY (MHz)
515
–80
–70
–50
–60
–40
25
35
45
55
65
VOUT = 61dBmV @ DEC 60
SECOND HARMONIC
VOUT = 61dBmV @ DEC 60
THIRD HARMONIC
Figure 2. Worst Harmonic Distortion vs. Frequency
1 Patent pending.


Similar Part No. - AD8324ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324ACP AD-AD8324ACP Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
More results

Similar Description - AD8324ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8324 AD-AD8324 Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
AD45048 AD-AD45048 Datasheet
153Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
9/05-Rev. 0 to Rev. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
Analog Devices
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
3.3 V Upstream Cable Line Driver
REV. B
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com