Electronic Components Datasheet Search
  English  ▼

X  

AD8328 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8328 Datasheet HTML 3Page - Analog Devices AD8328 Datasheet HTML 4Page - Analog Devices AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8328
Rev. A | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8328
TXEN
SDATA
VCC
CLK
VIN+
SLEEP
BYP
NC
VOUT+
NC = NO CONNECT
GND
GND
GND
VIN–
GND
RAMP
VOUT–
GND
VCC
DATEN
GND
Figure 5. 20-Lead QSOP Pin Configuration
TOP VIEW
(Not to Scale)
AD8328
1
2
3
4
5
15
14
13
12
11
16
17
20 19 18
67
8
9 10
GND
GND
GND
VIN+
VIN–
RAMP
VOUT+
VOUT–
BYP
NC
Figure 6. 20-Lead LFCSP Pin Configuration
Table 5. 20-Lead QSOP and 20-Lead LFCSP Pin Function Descriptions
Pin No.
20-Lead
QSOP
Pin No.
20-Lead
LFCSP
Mnemonic
Description
1, 3, 4, 7,
11, 20
1, 2, 5, 9,
18, 19
GND
Common External Ground Reference.
2, 19
17, 20
VCC
Common Positive External Supply Voltage. A 0.1 μF capacitor must decouple each pin.
5
3
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1 μF capacitor.
6
4
VIN−
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1 μF capacitor.
8
6
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register.
A Logic 0-to-Logic 1 transition transfers the latched data to the attenuator core (updates the gain)
and simultaneously inhibits serial data transfer into the register.
A Logic 1-to-Logic 0 transition inhibits the data latch (holds the previous gain state) and
simultaneously enables the register for serial data load.
9
7
SDATA
Serial Data Input. This digital input allows an 8-bit serial (gain) word to be loaded into the
internal register with the most significant bit (MSB) first.
10
8
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit
master-slave register.
A Logic 0-to-Logic 1 transition latches the data bit, and a Logic 1-to-Logic 0 transfers the data bit
to the slave. This requires the input serial data-word to be valid at or before this clock transition.
12
10
SLEEP
Low Power Sleep Mode. In the sleep mode, the AD8328’s supply current is reduced to 20 μA.
A Logic 0 powers down the part (high ZOUT state), and a Logic 1 powers up the part.
13
11
NC
No Connect.
14
12
BYP
Internal Bypass. This pin must be externally ac-coupled (0.1 μF capacitor).
15
13
VOUT−
Negative Output Signal
16
14
VOUT+
Positive Output Signal
17
15
RAMP
External RAMP Capacitor (Optional)
18
16
TXEN
Logic 0 Disables Forward Transmission. Logic 1 enables forward transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com