Electronic Components Datasheet Search
  English  ▼

X  

AD8328 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices AD8328 Datasheet HTML 12Page - Analog Devices AD8328 Datasheet HTML 13Page - Analog Devices AD8328 Datasheet HTML 14Page - Analog Devices AD8328 Datasheet HTML 15Page - Analog Devices AD8328 Datasheet HTML 16Page - Analog Devices AD8328 Datasheet HTML 17Page - Analog Devices AD8328 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8328
Rev. A | Page 14 of 20
RUNNING AD8328 SOFTWARE
To load the control software, go to Start, Programs,
CABDRIVE_28 or select the AD8328.exe file from the
installed directory. Once loaded, select the proper parallel
port to communicate with the AD8328 (see Figure 24).
Figure 24. Parallel Port Selection
CONTROLLING GAIN/ATTENUATION OF THE
AD8328
The SLIDER controls the gain/attenuation of the AD8328,
which is displayed in dB and in V/V. The gain scales 1 dB
per LSB. The gain code from the position of the SLIDER is
displayed in decimal, binary, and hexadecimal (see Figure 25).
Figure 25. Control Software Interface
TRANSMIT ENABLE AND SLEEP MODE
The Transmit Enable and Transmit Disable buttons select the
mode of operation of the AD8328 by asserting logic levels on
the asynchronous TXEN pin. The Transmit Disable button
applies Logic 0 to the TXEN pin, disabling forward transmission.
The Transmit Enable button applies Logic 1 to the TXEN pin,
enabling the AD8328 for forward transmission. Checking the
Enable SLEEP Mode box applies Logic 0 to the asynchronous
SLEEP pin, setting the AD8328 for SLEEP mode.
MEMORY FUNCTIONS
The Memory section of the software provides a way to alternate
between two gain settings. The X→M1 button stores the current
value of the GAIN SLIDER into memory, while the RM1 button
recalls the stored value, returning the gain SLIDER to the stored
level. The same applies to the X→M2 and RM2 buttons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com