Electronic Components Datasheet Search
  English  ▼

X  

AD8328 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8328 Datasheet HTML 12Page - Analog Devices AD8328 Datasheet HTML 13Page - Analog Devices AD8328 Datasheet HTML 14Page - Analog Devices AD8328 Datasheet HTML 15Page - Analog Devices AD8328 Datasheet HTML 16Page - Analog Devices AD8328 Datasheet HTML 17Page - Analog Devices AD8328 Datasheet HTML 18Page - Analog Devices AD8328 Datasheet HTML 19Page - Analog Devices AD8328 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8328
Rev. A | Page 18 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8328ARQ
–40°C to +85°C
20-Lead QSOP
RQ-20
AD8328ARQ-REEL
–40°C to +85°C
20-Lead QSOP
RQ-20
AD8328ARQZ1
–40°C to +85°C
20-Lead QSOP
RQ-20
AD8328ARQZ-REEL1
–40°C to +85°C
20-Lead QSOP
RQ-20
AD8328ACP
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACP-REEL
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACP-REEL7
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACPZ1
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACPZ-REEL1
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACPZ-REEL71
–40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
AD8328ACP-EVAL
Evaluation Board
AD8328ARQ-EVAL
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com