Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 32 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 28Page - Analog Devices AD8331ARQ Datasheet HTML 29Page - Analog Devices AD8331ARQ Datasheet HTML 30Page - Analog Devices AD8331ARQ Datasheet HTML 31Page - Analog Devices AD8331ARQ Datasheet HTML 32Page - Analog Devices AD8331ARQ Datasheet HTML 33Page - Analog Devices AD8331ARQ Datasheet HTML 34Page - Analog Devices AD8331ARQ Datasheet HTML 35Page - Analog Devices AD8331ARQ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 32 of 40
Output Decoupling
When driving capacitive loads greater than about 10 pF, or long
circuit connections on other boards, an output network of
resistors and/or ferrite beads can be useful to ensure stability.
These components can be incorporated into a Nyquist filter
such as the one shown in Figure 81. In Figure 81, the resistor
value is 84.5 Ω. The AD8332-EVAL incorporates 100 Ω in
parallel with a 120 nH bead. Lower value resistors are permissible
for applications with nearby loads or with gains less than 40 dB.
The exact values of these components can be selected empirically.
An antialiasing noise filter is typically used with an ADC. Filter
requirements are application dependent.
When the ADC resides on a separate board, the majority of
filter components should be placed nearby to suppress noise
picked up between boards and to mitigate charge kickback from
the ADC inputs. Any series resistance beyond that required for
output stability should be placed on the ADC board. Figure 85
shows a second-order, low-pass filter with a bandwidth of
20 MHz. The capacitor is chosen in conjunction with the 10 pF
input capacitance of the ADC.
18pF
OPTIONAL
BACKPLANE
0.1µF
0.1µF
ADC
84.5Ω
84.5Ω
158Ω
158Ω
1.5µH
1.5µH
Figure 85. 20 MHz Second-Order, Low-Pass Filter
DRIVING ADCs
The output drive accommodates a wide range of ADCs. The
noise floor requirements of the VGA depend on a number of
application factors, including bit resolution, sampling rate, full-
scale voltage, and the bandwidth of the noise/antialias filter. The
output noise floor and gain range can be adjusted by selecting
HI or LO gain mode.
The relative noise and distortion performance of the two gain
modes can be compared in Figure 25 and Figure 31 through
Figure 41. The 48 nV/√Hz noise floor of the LO gain mode is
suited to converters with higher sampling rates or resolutions
(such as 12 bits). Both gain modes can accommodate ADC full-
scale voltages as high as 4 V p-p. Because distortion performance
remains favorable for output voltages as high as 4 V p-p (see
Figure 36), it is possible to lower the output-referred noise even
further by using a resistive attenuator (or transformer) at the
output. The circuit in Figure 86 has an output full-scale range of
2 V p-p, a gain range of −10.5 dB to +37.5 dB, and an output
noise floor of 24 nV/√Hz, making it suitable for some 14-bit
ADC applications.
ADC
AD6644
187Ω
2:1
187Ω
374Ω
VOH
VOL
LPF
4V p-p DIFF,
48nV/ Hz
2V p-p DIFF,
24nV/ Hz
Figure 86. Adjusting the Noise Floor for 14-Bit ADCs
OVERLOAD
These devices respond gracefully to large signals that overload
its input stage and to normal signals that overload the VGA
when the gain is set unexpectedly high. Each stage is designed
for clean-limited overload waveforms and fast recovery when
gain setting or input amplitude is reduced.
Signals larger than ±275 mV at the LNA input are clipped to
5 V p-p differential prior to the input of the VGA. Figure 48
shows the response to a 1 V p-p input burst. The symmetric
overload waveform is important for applications, such as CW
Doppler ultrasound, where the spectrum of the LNA outputs
during overload is critical. The input stage is also designed to
accommodate signals as high as ±2.5 V without triggering the
slow-settling ESD input protection diodes.
Both stages of the VGA are susceptible to overload. Postamp
limiting is more common and results in the clean-limited
output characteristics found in Figure 49. Recovery is fast in all
cases. The graph in Figure 87 summarizes the combinations of
input signal and gain that lead to the different types of overload.
1m
LO GAIN
MODE
15mV
–4.5
25mV
X-AMP
OVERLOAD
POSTAMP
OVERLOAD
X-AMP
OVERLOAD
POSTAMP
OVERLOAD
29dB
43.5
INPUT AMPLITUDE (V)
0.275
0.1
10m
24.5dB
HI GAIN
MODE
4mV
7.5
25mV
41dB
56.5
INPUT AMPLITUDE (V)
24.5dB
1
1m
0.275
0.1
10m
1
Figure 87. Overload Gain and Signal Conditions
The previously mentioned clamp interface controls the
maximum output swing of the postamp and its overload
response. When the clamp feature is not used, the output level
defaults to approximately 4.5 V p-p differential centered at
2.5 V common mode. When other common-mode levels are set
through the VCM pin, the value of RCLMP should be selected for
graceful overload. A value of 8.3 kΩ or less is recommended for
1.5 V or 3.5 V common-mode levels (7.2 kΩ for HI gain mode).
This limits the output swing to just above 2 V p-p differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com