Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 29 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 25Page - Analog Devices AD8331ARQ Datasheet HTML 26Page - Analog Devices AD8331ARQ Datasheet HTML 27Page - Analog Devices AD8331ARQ Datasheet HTML 28Page - Analog Devices AD8331ARQ Datasheet HTML 29Page - Analog Devices AD8331ARQ Datasheet HTML 30Page - Analog Devices AD8331ARQ Datasheet HTML 31Page - Analog Devices AD8331ARQ Datasheet HTML 32Page - Analog Devices AD8331ARQ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 29 of 40
Noise
Output clamping can be used for ADC input overload
protection, if needed, or postamp overload protection when
operating from a lower common-mode level, such as 1.5 V. The
user should be aware that distortion products increase as output
levels approach the clamping levels, and the user should adjust
the clamp resistor accordingly. For additional information, see
the Applications section.
The topology of the postamplifier provides constant input-
referred noise with the two gain settings and variable
output-referred noise. The output-referred noise in HI gain
mode increases (with gain) by four. This setting is recommended
when driving converters with higher noise floors. The extra gain
boosts the output signal levels and noise floor appropriately. When
driving circuits with lower input noise floors, the LO gain mode
optimizes the output dynamic range.
The accuracy of the clamping levels is approximately ±5% in LO
or HI mode. Figure 80 illustrates the output characteristics for a
few values of RCLMP.
Although the quantization noise floor of an ADC depends on a
number of factors, the 48 nV/√Hz and 178 nV/√Hz levels are
well suited to the average requirements of most 12-bit and 10-bit
converters, respectively. An additional technique, described in
the Applications section, can extend the noise floor even lower
for possible use with 14-bit ADCs.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–3
–2
–1
0
1
2
3
VINH (V)
RCLMP = ∞
RCLMP = ∞
8.8kΩ
8.8kΩ
3.5kΩ
3.5kΩ
RCLMP = 1.86kΩ
Output Clamping
Outputs are internally limited to a level of 4.5 V p-p differential
when operating at a 2.5 V common-mode voltage. The postamp
implements an optional output clamp engaged through a
resistor from RCLMP to ground. Table 8 shows a list of
recommended resistor values.
Figure 80. Output Clamping Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com