Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 5 Page - Analog Devices

  AD8331ARQ Datasheet HTML 1Page - Analog Devices AD8331ARQ Datasheet HTML 2Page - Analog Devices AD8331ARQ Datasheet HTML 3Page - Analog Devices AD8331ARQ Datasheet HTML 4Page - Analog Devices AD8331ARQ Datasheet HTML 5Page - Analog Devices AD8331ARQ Datasheet HTML 6Page - Analog Devices AD8331ARQ Datasheet HTML 7Page - Analog Devices AD8331ARQ Datasheet HTML 8Page - Analog Devices AD8331ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 5 of 40
Parameter
Conditions
Min
Typ
Max
Unit
Output Signal Range, Postamplifier
RL ≥ 500 Ω, unclamped, either pin
VCM ± 1.125
V
Differential
4.5
V p-p
Output Offset Voltage
VGAIN = 0.5 V
AD8331
Differential
−50
±5
+50
mV
Common mode
−125
−25
+100
mV
AD8332, AD8334
Differential
−20
±5
+20
mV
Common mode
−125
–25
+100
mV
Output Short-Circuit Current
45
mA
Harmonic Distortion
VGAIN = 0.5 V, VOUT = 1 V p-p, HI gain
AD8331
HD2
f = 1 MHz
−88
dBc
HD3
−85
dBc
HD2
f = 10 MHz
−68
dBc
HD3
−65
dBc
AD8332, AD8334
HD2
f = 1 MHz
−82
dBc
HD3
−85
dBc
HD2
f = 10 MHz
−62
dBc
HD3
−66
dBc
Input 1 dB Compression Point
VGAIN = 0.25 V, VOUT = 1 V p-p, f = 1 MHz to 10 MHz
1
dBm1
Two-Tone Intermodulation Distortion (IMD3)
AD8331
VGAIN = 0.72 V, VOUT = 1 V p-p, f = 1 MHz
−80
dBc
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
−72
dBc
AD8332, AD8334
VGAIN = 0.72 V, VOUT = 1 V p-p, f = 1 MHz
−78
dBc
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
−74
dBc
Output Third-Order Intercept
AD8331
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 1 MHz
38
dBm
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
33
dBm
AD8332, AD8334
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 1 MHz
35
dBm
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
32
dBm
Channel-to-Channel Crosstalk (AD8332, AD8334)
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 1 MHz
−98
dB
Overload Recovery
VGAIN = 1.0 V, VIN = 50 mV p-p/1 V p-p, f = 10 MHz
5
ns
Group Delay Variation
5 MHz < f < 50 MHz, full gain range
±2
ns
ACCURACY
Absolute Gain Error2
0.05 V < VGAIN < 0.10 V
−1
+0.5
+2
dB
0.10 V < VGAIN < 0.95 V
−1
±0.3
+1
dB
0.95 V < VGAIN < 1.0 V
−2
−1
+1
dB
Gain Law Conformance3
0.1 V < VGAIN < 0.95 V
±0.2
dB
Channel-to-Channel Gain Matching
0.1 V < VGAIN < 0.95 V
±0.1
dB
GAIN CONTROL INTERFACE (Pin GAIN)
Gain Scaling Factor
0.10 V < VGAIN < 0.95 V
48.5
50
51.5
dB/V
Gain Range
LO gain
−4.5 to +43.5
dB
HI gain
7.5 to 55.5
dB
Input Voltage (VGAIN) Range
0 to 1.0
V
Input Impedance
10
MΩ
Response Time
48 dB gain change to 90% full scale
500
ns
COMMON-MODE INTERFACE (PIN VCMn)
Input Resistance4
Current limited to ±1 mA
30
Ω
Output CM Offset Voltage
VCM = 2.5 V
−125
−25
+100
mV
Voltage Range
VOUT = 2.0 V p-p
1.5 to 3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com