Electronic Components Datasheet Search
  English  ▼

X  

AT43301 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43301
Description  Low-cost USB Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43301 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43301 Datasheet HTML 1Page - ATMEL Corporation AT43301 Datasheet HTML 2Page - ATMEL Corporation AT43301 Datasheet HTML 3Page - ATMEL Corporation AT43301 Datasheet HTML 4Page - ATMEL Corporation AT43301 Datasheet HTML 5Page - ATMEL Corporation AT43301 Datasheet HTML 6Page - ATMEL Corporation AT43301 Datasheet HTML 7Page - ATMEL Corporation AT43301 Datasheet HTML 8Page - ATMEL Corporation AT43301 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
• Full Compliance with USB Spec Rev 1.1
• Four Downstream Ports
• Full-speed and Low-speed Data Transfers
• Bus-powered Controller
• Bus-powered or Self-powered Hub Operation
• Port Overcurrent Monitoring
• Port Power Switching
• 5V Operation with On-chip 3.3V Regulator
• 24-lead SOIC and 32-lead LQFP
1.
Description
The AT43301 is a 5-port USB hub chip supporting one upstream and four down-
stream ports. The AT43301 connects to an upstream hub or host/root hub via Port0,
while the other ports connect to external downstream USB devices. The hub re-trans-
mits the USB differential signal between Port0 and Ports[1:4] in both directions. The
AT43301 is designed for very low-cost bus-powered or self-powered hub applications
and is available in a 24-lead SOIC and a 32-lead LQFP packages. The 32-lead ver-
sion of the AT43301, the AT43301-AC, has a 48 MHz clock input.
The AT43301 supports the 12 Mb/s full speed as well as 1.5 Mb/s slow speed USB
transactions. To reduce EMI, the AT43301’s oscillator frequency is 6 MHz even
though some internal circuitry operates at 48 MHz.
Figure 1-1.
Pin Configurations
24-lead SOIC Top View
32-lead LQFP Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
VSS
CEXT1
OSC1
OSC2
LFT
STAT
PWR
OVC
LPSTAT
TEST
SELF/BUS
NC
DP4
DM4
DP3
DM3
DP2
DM2
DP1
DM1
DP0
DM0
VSS
AT43301-SC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
DM4
DP4
48
VCC
VSS
CEXT1
NC
NC
DP0
DM0
VSS
NC
SELF/BUS
TEST
LPSTAT
AT43301-AC
Low-cost USB
Hub Controller
AT43301
1137J–USB–01/06


Similar Part No. - AT43301

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
USB HUB CONTROLLER
More results

Similar Description - AT43301

ManufacturerPart #DatasheetDescription
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
USB Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
Low-Cost USB Hub Development Kit
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
USB HUBBB Controller
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
logo
List of Unclassifed Man...
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
USB Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
USB Keyboard Hub Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
USB 3.0 Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com