Electronic Components Datasheet Search
  English  ▼

X  

AT43301 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT43301
Description  Low-cost USB Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43301 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT43301 Datasheet HTML 2Page - ATMEL Corporation AT43301 Datasheet HTML 3Page - ATMEL Corporation AT43301 Datasheet HTML 4Page - ATMEL Corporation AT43301 Datasheet HTML 5Page - ATMEL Corporation AT43301 Datasheet HTML 6Page - ATMEL Corporation AT43301 Datasheet HTML 7Page - ATMEL Corporation AT43301 Datasheet HTML 8Page - ATMEL Corporation AT43301 Datasheet HTML 9Page - ATMEL Corporation AT43301 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
1137J–USB–01/06
AT43301
2.
Functional Description
2.1
Summary
The Atmel AT43301 USB hub controller chip contains various features that makes it the ideal
solution for very low-cost USB hubs. These features are: on-chip regulator, low-frequency oscil-
lator, bus or self-powered operation, ganged port power switching and global overcurrent
protection. Such a hub can be a stand-alone hub used with portable computers to allow conve-
nient connectivity to standard desktop peripheral devices. Alternatively, the hub can be added to
an existing non-USB peripheral such a keyboard. The AT43301 provides 4 downstream USB
ports and can operate in a self-powered or bus-powered mode.
2.2
USB Ports
The AT43301’s upstream port, Port0, is a full speed port. A 1.5 k
Ω pull-up resistor to the 3.3V
regulator output, CEXT, is required for proper operation. The downstream ports support both
full-speed as well as low-speed devices. 15 k
Ω pull down resistors are required at their inputs.
Full speed signal requirements demand controlled rise/fall times and impedance matching of the
USB ports. To meet these requirements, 22
Ω resistors must be inserted in series between the
USB data pins and the USB connectors.
2.3
Hub Repeater
The Hub Repeater is responsible for port connectivity setup and teardown. It also supports
exception handling such as bus fault detection and recovery, and connect/disconnect detection.
Port0 is the root port and is connected to the root hub or an upstream hub. When a packet is
received at Port0, the AT43301 propagates it to all the enabled downstream ports. Conversely, a
packet from a downstream port is transmitted from Port0.
The AT43301 supports downstream port data signaling at both 1.5 Mb/s and 12 Mb/s. Devices
attached to the downstream ports are determined to be either full speed or low speed depending
which data line (DP or DM) is pulled high. If a port is enumerated as low speed, its output buffers
operate at a slew rate of 75-300 ns, and the AT43301 will not propagate any traffic to that port
unless it is prefaced with a preamble PID. Low speed data following the preamble PID is propa-
gated to both low- and full-speed devices. The AT43301 will enable low-speed drivers within four
full-speed bit times of the last bit of a preamble PID, and will disable them at the end of an EOP.
The upstream traffic from all ports is propagated by Port0 using the full speed 4-20ns slew rate
drivers.
All the AT43301 ports independently drive and monitor their DP and DM pins so that they are
able to detect and generate the ‘J’, ‘K’, and SE0 bus signaling states. Each hub port has single-
ended and differential receivers on its DP and DM lines. The ports’ I/O buffers comply with the
voltage levels and drive requirements as specified in the USB Specifications Rev 1.0.
The Hub Repeater implements a frame timer which is timed by the 12 MHz USB clock and gets
reset every time an SOF token is received from the host.
2.4
Serial Interface Engine
The Serial Interface Engine handles the USB communication protocol. It performs the USB
clock/data separation, the NRZI data encoding/decoding, bit stuffing, CRC generation and
checking, USB packet ID decoding and generation, and data serialization and de-serialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com