Electronic Components Datasheet Search
  English  ▼

X  

AT43301 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT43301
Description  Low-cost USB Hub Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43301 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT43301 Datasheet HTML 9Page - ATMEL Corporation AT43301 Datasheet HTML 10Page - ATMEL Corporation AT43301 Datasheet HTML 11Page - ATMEL Corporation AT43301 Datasheet HTML 12Page - ATMEL Corporation AT43301 Datasheet HTML 13Page - ATMEL Corporation AT43301 Datasheet HTML 14Page - ATMEL Corporation AT43301 Datasheet HTML 15Page - ATMEL Corporation AT43301 Datasheet HTML 16Page - ATMEL Corporation AT43301 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
1137J–USB–01/06
AT43301
Note:
OSC2 must not be used to drive other circuitry.
3.3
AC Characteristics
Note:
1. With external 22
Ω series resistor.
Table 3-3.
PWR, STAT, OVC
Symbol
Parameter
Condition
Min
Max
Unit
VOL2
Output Low Level, PWR, STAT
IOL = 4 mA
0.5
V
C
OUT
Output Capacitance
1 MHz
10
pF
V
IL3
Input Low Level
0.3V
CEXT
V
VIH3
Input High Level
0.7VCEXT
V
C
OUT
Output Capacitance
1 MHz
10
pF
VOH2
Output High Level, PWR
IOH = 4 mA
VCEXT - 0.5
V
Table 3-4.
Oscillator Signals: OSC1, OSC2
Symbol
Parameter
Condition
Min
Max
Unit
VLH
OSC1 Switching Level
0.47
1.20
V
VHL
OSC1 Switching Level
0.67
1.44
V
C
X1
Input Capacitance, OSC1
17
pF
CX2
Output Capacitance, OSC2
17
pF
C12
OSC1/2 Capacitance
1pF
tsu
Start-up Time
6 MHz, fundamental
2
ms
DL
Drive Level
VCC = 3.3V, 6 MHz crystal, 100Ω equiv series resistor
150
µW
Table 3-5.
DPx, DMx Driver Characteristics, Full Speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
tR
Rise Time
CL = 50 pF
4
20
ns
t
F
Fall Time
C
L = 50 pF
4
20
ns
t
RFM
t
R/tF Matching
90
110
%
ZDRV
Driver Output Resistance(1)
Steady state drive
28
44
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com