Electronic Components Datasheet Search
  English  ▼

X  

40TTS12 Datasheet(PDF) 2 Page - International Rectifier

Part # 40TTS12
Description  PHASE CONTROL SCR Lead-Free
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TTS12 Datasheet(HTML) 2 Page - International Rectifier

  40TTS12 Datasheet HTML 1Page - International Rectifier 40TTS12 Datasheet HTML 2Page - International Rectifier 40TTS12 Datasheet HTML 3Page - International Rectifier 40TTS12 Datasheet HTML 4Page - International Rectifier 40TTS12 Datasheet HTML 5Page - International Rectifier 40TTS12 Datasheet HTML 6Page - International Rectifier 40TTS12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
40TTS12PbF SAFE
IR Series
Bulletin I2233 rev. A 11/05
www.irf.com
Part Number
V
RRM, maximum
V
DRM , maximum
T
J
peak reverse voltage
peak direct voltage
VV
°C
40TTS12PbF
1200
1200
-25 to 140
Voltage Ratings
I
T(AV)
Max. Average On-state Current
25
A
@ T
C = 93° C, 180° conduction half sine wave
I
RMS
Max. RMS On-state Current
40
I
TSM
Max.Peak One Cycle Non-Repetitive
300
10ms Sine pulse, rated VRRMapplied
Surge Current
350
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for fusing
450
A2s
10ms Sine pulse, rated V
RRMapplied
630
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for fusing
6300
A2√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max. On-state Voltage Drop
1.6
V
@ 80A, T
J = 25°C
r
t
On-state slope resistance
11.4
mΩ
T
J =
140°C
VT(TO) Threshold Voltage
0.96
V
I
RM/IDM Max.Reverse and Direct
0.5
mA
T
J =
25 °C
Leakage Current
10
TJ = 140 °C
I
H
Holding Current
100
mA
Anode Supply = 6V, Resistive load, Initial I
T = 1A
I
L
Max. Latching Current
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. Rate of Rise of off-state Voltage
500
V/µs
di/dt Max. Rate of Rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
40TTS..
Units
Conditions
V
R = rated VRRM/ VDRM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com