Electronic Components Datasheet Search
  English  ▼

X  

40TTS12 Datasheet(PDF) 4 Page - International Rectifier

Part # 40TTS12
Description  PHASE CONTROL SCR Lead-Free
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TTS12 Datasheet(HTML) 4 Page - International Rectifier

  40TTS12 Datasheet HTML 1Page - International Rectifier 40TTS12 Datasheet HTML 2Page - International Rectifier 40TTS12 Datasheet HTML 3Page - International Rectifier 40TTS12 Datasheet HTML 4Page - International Rectifier 40TTS12 Datasheet HTML 5Page - International Rectifier 40TTS12 Datasheet HTML 6Page - International Rectifier 40TTS12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
40TTS12PbF SAFE
IR Series
Bulletin I2233 rev. A 11/05
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Number of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
30˚
60˚
90˚
120˚
180˚
Conduction Angle
RthJC (DC) = 0.8 ˚C/W
70
80
90
100
110
120
130
140
0
5
10 15 20 25 30 35 40 45
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
RthJC (DC) = 0.8 ˚C/W
0
10
20
30
40
50
60
0
5
10
15
20
25
30
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
Tj = 125˚C
0
10
20
30
40
50
60
70
0
10203040
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
Tj = 125˚C
120
140
160
180
200
220
240
260
280
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100
150
200
250
300
350
400
0.01
0.1
1
10
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Maximum Non Repetitive Surge Current
Initial Tj = 125˚C
No Voltage Reapplied
Rated Vrrm Reapplied



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com