Electronic Components Datasheet Search
  English  ▼

X  

40TTS12 Datasheet(PDF) 1 Page - International Rectifier

Part # 40TTS12
Description  PHASE CONTROL SCR Lead-Free
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TTS12 Datasheet(HTML) 1 Page - International Rectifier

  40TTS12 Datasheet HTML 1Page - International Rectifier 40TTS12 Datasheet HTML 2Page - International Rectifier 40TTS12 Datasheet HTML 3Page - International Rectifier 40TTS12 Datasheet HTML 4Page - International Rectifier 40TTS12 Datasheet HTML 5Page - International Rectifier 40TTS12 Datasheet HTML 6Page - International Rectifier 40TTS12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description/ Features
The 40TTS12PbF SAFE
IR series of silicon con-
trolled rectifiers are specifically designed for me-
dium power switching and phase control applica-
tions. The glass passivation technology used has
reliable operation up to 140°C junction tempera-
ture.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identical
package outlines.
Major Ratings and Characteristics
TO-220
I
T(AV)
Sinusoidal
25
A
waveform
I
RMS
40
A
V
RRM/ VDRM
1200
V
I
TSM
350
A
V
T
T
J = 25°C
1.6
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 140
°C
Characteristics
Values
Units
Package Outline
PHASE CONTROL SCR
Lead-Free ("PbF" suffix)
Bulletin I2233 rev. A 11/05
SAFE
IR Series
40TTS12PbF
V
T
< 1.6V @ 80A
I
TSM
= 350A
V
RRM = 1200V
1
www.irf.com


Similar Part No. - 40TTS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TTS12PBF VISHAY-40TTS12PBF Datasheet
118Kb / 7P
Phase Control SCR, 40 A
24-Apr-08
More results

Similar Description - 40TTS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
PHASE CONTROL SCR Lead-Free
12TTS08PBF IRF-12TTS08PBF Datasheet
171Kb / 7P
SAFEIR Series PHASE CONTROL SCR Lead-Free (PbF suffix)
40TPS16PBF IRF-40TPS16PBF Datasheet
160Kb / 7P
PHASE CONTROL SCR Lead-Free
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com