Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 4 Page - Texas Instruments

  TLV755P Datasheet HTML 1Page - Texas Instruments TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
TLV755P
SBVS320A – NOVEMBER 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is smaller
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VIN
-0.3
6.0
V
Enable voltage, VEN
-0.3
6.0
V
Output voltage, VOUT
-0.3
VIN + 0.3
(2)
V
Operating junction temperature range, TJ
-40
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.45
5.5
V
VOUT
Output voltage
0.6
5.0
V
VEN
Enable voltage
0
5.5
V
IOUT
Output current
0
500
mA
CIN
Input capacitor
1
μF
COUT
Output capacitor
1
200
μF
fEN
Enable toggle frequency
10
kHz
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV755
UNIT
DQN (X2SON) DBV (SOT-23-
5)
DRV (SON)
4 PINS
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
168.4
231.1
100.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
139.1
118.4
108.5
°C/W
RθJB
Junction-to-board thermal resistance
101.4
64.4
64.3
°C/W
ψJT
Junction-to-top characterization parameter
5.6
28.4
10.4
°C/W
ψJB
Junction-to-board characterization parameter
101.7
63.8
64.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
88.4
N/A
34.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com