Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments TLV755P Datasheet HTML 11Page - Texas Instruments TLV755P Datasheet HTML 12Page - Texas Instruments TLV755P Datasheet HTML 13Page - Texas Instruments TLV755P Datasheet HTML 14Page - Texas Instruments TLV755P Datasheet HTML 15Page - Texas Instruments TLV755P Datasheet HTML 16Page - Texas Instruments TLV755P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
TLV755P
www.ti.com
SBVS320A – NOVEMBER 2017 – REVISED MAY 2018
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
The EN pin is independent of the input pin (IN), but if the EN pin is driven to a higher voltage than VIN, the
current into the EN pin increases. This effect is illustrated in Figure 23. When the EN voltage is higher than the
input voltage there is an increased current flow into the EN pin. If this increased flow causes problems in the
application, sequence the EN pin after VIN is high, or to tie EN to VIN to prevent this flow increase from
happening. If EN is driven to a higher voltage than VIN, limit the frequency on EN to below 10 kHz.
7.3.3 Internal Foldback Current Limit
The TLV755P has an internal current limit that protects the regulator during fault conditions. The current limit is a
hybrid scheme with brick wall until the output voltage is less than 0.4 V × VOUT(NOM). When the voltage drops
below 0.4 V × VOUT(NOM), a foldback current limit is implemented that scales back the current as the output
voltage approaches GND. When the output shorts, the LDO supplies a typical current of ISC. The output voltage
is not regulated when the device is in current limit. In this condition, the output voltage is the product of the
regulated current and the load resistance. When the device output shorts, the PMOS pass transistor dissipates
power [(VIN – VOUT) × ISC] until thermal shutdown is triggered and the device turns off. After the device cools
down, the internal thermal shutdown circuit turns the device back on. If the fault condition continues, the device
cycles between current limit and thermal shutdown.
The foldback current-limit circuit limits the current that is allowed through the device to current levels lower than
the minimum current limit at nominal VOUT current limit (ICL) during start up. See Figure 26 for typical current limit
values. If the output is loaded by a constant-current load during start up, or if the output voltage is negative when
the device is enabled, then the load current demanded by the load may exceed the foldback current limit and the
device may not rise to the full output voltage. For constant-current loads, disable the output load until the output
has risen to the nominal voltage.
Excess inductance can cause the current limit to oscillate. Minimize the inductance to keep the current limit from
oscillating during a fault condition.
7.3.4 Thermal Shutdown
Thermal shutdown protection disables the output when the junction temperature rises to approximately 165°C.
Disabling the device eliminates the power dissipated by the device, allowing the device to cool. When the
junction temperature cools to approximately 155°C, the output circuitry is enabled again. Depending on power
dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off.
This cycling limits regulator dissipation that protects the circuit from damage as a result of overheating.
Activating the thermal shutdown feature usually indicates excessive power dissipation as a result of the product
of the (VIN – VOUT) voltage and the load current. For reliable operation, limit junction temperature to a maximum
of 125°C. To estimate the margin of safety in a complete design, increase the ambient temperature until the
thermal protection is triggered; use worst-case loads and signal conditions.
The internal protection circuitry protects against overload conditions but is not intended to be activated in normal
operation. Continuously running the device into thermal shutdown degrades device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com