Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 3 Page - Texas Instruments

  TLV755P Datasheet HTML 1Page - Texas Instruments TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
OUT
6
IN
2
NC
5
NC
3
GND
4
EN
Not to scale
Thermal
Pad
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
1
OUT
2
GND
5
3
EN
4
IN
Not to scale
3
TLV755P
www.ti.com
SBVS320A – NOVEMBER 2017 – REVISED MAY 2018
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DQN Package
4-Pin X2SON
Top View
DBV Package
5-Pin SOT-23
Top View
DRV Package
6-Pin WSON With Exposed Thermal Pad
Top View
NC = no internal connection.
(1)
The nominal input and output capacitance must be greater than 0.47 µF; throughout this document the nominal derating on these
capacitors is 50%. Make sure that the effective capacitance at the pin is greater than 0.47 µF.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DQN
DBV
DRV
EN
3
3
4
I
Enable pin. Drive EN greater than VHI to turn on the regulator.
Drive EN less than VLO to place the LDO into shutdown mode.
GND
2
2
3
—
Ground pin.
IN
4
1
6
I
Input pin. A capacitor with a value of 1 µF or larger is required from
this pin to ground(1). See the Input and Output Capacitor Selection
section for more information.
NC
—
4
2, 5
—
No internal connection.
OUT
1
5
1
O
Regulated output voltage pin. A capacitor with a value of 1 µF or larger
is required from this pin to ground(1). See the Input and Output
Capacitor Selection section for more information.
Thermal pad
Pad
—
Pad
—
Connect the thermal pad to a large-area ground plane.
The thermal pad is internally connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com