Electronic Components Datasheet Search
  English  ▼

X  

BYV32 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV32
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV32 Datasheet HTML 1Page - NXP Semiconductors BYV32 Datasheet HTML 2Page - NXP Semiconductors BYV32 Datasheet HTML 3Page - NXP Semiconductors BYV32 Datasheet HTML 4Page - NXP Semiconductors BYV32 Datasheet HTML 5Page - NXP Semiconductors BYV32 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV32 series
ultrafast
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated high efficiency dual
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
rectifier diodes in a plastic envelope,
featuring low forward voltage drop,
BYV32-
100
150
200
ultra-fast recovery times and soft
V
RRM
Repetitive peak reverse
100
150
200
V
recovery characteristic. They are
voltage
intended for use in switched mode
V
F
Forward voltage
0.85
0.85
0.85
V
power supplies and high frequency
I
O(AV)
Output current (both
20
20
20
A
circuits
in
general
where
low
diodes conducting)
conduction and switching losses are
t
rr
Reverse recovery time
25
25
25
ns
essential.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
3
anode 2 (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-100
-150
-200
V
RRM
Repetitive peak reverse voltage
-
100
150
200
V
V
RWM
Crest working reverse voltage
-
100
150
200
V
V
R
Continuous reverse voltage
-
100
150
200
V
I
O(AV)
Output current (both diodes
square wave
-
20
A
conducting)
1
δ = 0.5; T
mb ≤ 115 ˚C
sinusoidal
-
18
A
a = 1.57; T
mb ≤ 118 ˚C
I
O(RMS)
RMS forward current
-
28
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
20
A
per diode
T
mb ≤ 115 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
125
A
current per diode
t = 8.3 ms
-
137
A
sinusoidal; with reapplied
V
RWM(max)
I
2t
I
2t for fusing
t = 10 ms
-
78
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1 2 3
tab
k
a1
a2
1 Neglecting switching and reverse current losses
October 1994
1
Rev 1.100


Similar Part No. - BYV32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV32 VISHAY-BYV32 Datasheet
85Kb / 3P
Dual Ultrafast Rectifiers
26-Mar-03
logo
General Semiconductor
BYV32-100 GE-BYV32-100 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYV32-100 VISHAY-BYV32-100 Datasheet
155Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
logo
Inchange Semiconductor ...
BYV32-100 ISC-BYV32-100 Datasheet
350Kb / 2P
Ultrafast Rectifier Diode
logo
Seme LAB
BYV32-100-XM SEME-LAB-BYV32-100-XM Datasheet
17Kb / 2P
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com