Electronic Components Datasheet Search
  English  ▼

X  

BYV32 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYV32
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYV32 Datasheet HTML 1Page - NXP Semiconductors BYV32 Datasheet HTML 2Page - NXP Semiconductors BYV32 Datasheet HTML 3Page - NXP Semiconductors BYV32 Datasheet HTML 4Page - NXP Semiconductors BYV32 Datasheet HTML 5Page - NXP Semiconductors BYV32 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV32 series
ultrafast
Fig.7. Maximum I
rrm at Tj = 25 ˚C; per diode
Fig.8. Maximum I
rrm at Tj = 100 ˚C; per diode
Fig.9. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.10. Maximum Q
s at Tj = 25 ˚C; per diode
Fig.11. Transient thermal impedance; per diode;
Z
th j-mb = f(tp).
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
0
1
30
20
10
0
0.5
1.5
VF / V
IF / A
typ
max
Tj=150 C
Tj=25 C
10
1
0.1
0.01
IF / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
Tj = 100 C
10
1.0
1.0
10
100
-dIF/dt (A/us)
Qs / nC
IF=10A
5A
2A
1A
100
0.1
0.01
10 s
0.1 s
1 ms
10 us
tp / s
Zth (K/W)
10
1
P
tp
t
D
October 1994
4
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com