Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NE55
Description  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE55 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NE55 Datasheet HTML 2Page - ON Semiconductor NE55 Datasheet HTML 3Page - ON Semiconductor NE55 Datasheet HTML 4Page - ON Semiconductor NE55 Datasheet HTML 5Page - ON Semiconductor NE55 Datasheet HTML 6Page - ON Semiconductor NE55 Datasheet HTML 7Page - ON Semiconductor NE55 Datasheet HTML 8Page - ON Semiconductor NE55 Datasheet HTML 9Page - ON Semiconductor NE55 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
7
ORDERING INFORMATION
Device
Description
Temperature Range
Shipping†
NE5532AD8
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
98 Units / Rail
NE5532AD8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
98 Units / Rail
NE5532AD8R2
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
2500 / Tape & Reel
NE5532AD8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
2500 / Tape & Reel
NE5532AN
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to 70°C
50 Units / Rail
NE5532ANG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
0 to 70°C
50 Units / Rail
NE5532D
16−Pin Plastic Small Outline (SO−16 WB) Package
0 to 70°C
47 Units / Rail
NE5532DG
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
0 to 70°C
47 Units / Rail
NE5532DR2
16−Pin Plastic Small Outline (SO−16 WB) Package
0 to 70°C
1000 Tape & Reel
NE5532DR2G
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
0 to 70°C
1000 Tape & Reel
NE5532D8
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
98 Units / Rail
NE5532D8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
98 Units / Rail
NE5532D8R2
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
2500 / Tape & Reel
NE5532D8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
2500 / Tape & Reel
NE5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to 70°C
50 Units / Rail
NE5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
0 to 70°C
50 Units / Rail
SA5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−40 to +85°C
50 Units / Rail
SA5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
−40 to +85°C
50 Units / Rail
SE5532AD8
8−Pin Plastic Small Outline (SO−8) Packagee
−55 to +125°C
98 Units / Rail
SE5532AD8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−55 to +125°C
98 Units / Rail
SE5532AD8R2
8−Pin Plastic Small Outline (SO−8) Packagee
−55 to +125°C
2500 / Tape & Reel
SE5532AD8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−55 to +125°C
2500 / Tape & Reel
SE5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−55 to +125°C
50 Units / Rail
SE5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
−55 to +125°C
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com