Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NE55
Description  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE55 Datasheet(HTML) 1 Page - ON Semiconductor

  NE55 Datasheet HTML 1Page - ON Semiconductor NE55 Datasheet HTML 2Page - ON Semiconductor NE55 Datasheet HTML 3Page - ON Semiconductor NE55 Datasheet HTML 4Page - ON Semiconductor NE55 Datasheet HTML 5Page - ON Semiconductor NE55 Datasheet HTML 6Page - ON Semiconductor NE55 Datasheet HTML 7Page - ON Semiconductor NE55 Datasheet HTML 8Page - ON Semiconductor NE55 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 1
1
Publication Order Number:
NE5532/D
NE5532, SA5532, SE5532,
NE5532A, SE5532A
Internally Compensated
Dual Low Noise
Operational Amplifier
The 5532 is a dual high-performance low noise operational
amplifier. Compared to most of the standard operational amplifiers,
such as the 1458, it shows better noise performance, improved output
drive capability and considerably higher small-signal and power
bandwidths.
This makes the device especially suitable for application in
high-quality and professional audio equipment, instrumentation and
control circuits, and telephone channel amplifiers. The op amp is
internally compensated for gains equal to one. If very low noise is of
prime importance, it is recommended that the 5532A version be used
because it has guaranteed noise voltage specifications.
Features
• Small-Signal Bandwidth: 10 MHz
• Output Drive Capability: 600 W, 10 VRMS
• Input Noise Voltage: 5.0 nV Hz (Typical)
• DC Voltage Gain: 50000
• AC Voltage Gain: 2200 at 10 kHz
• Power Bandwidth: 140 kHz
• Slew Rate: 9.0 V/ms
• Large Supply Voltage Range: "3.0 to "20 V
• Compensated for Unity Gain
• Pb−Free Packages are Available
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−8
D SUFFIX
CASE 751
PDIP−8
N SUFFIX
CASE 626
1
8
1
8
16
1
SOIC−16 WB
D SUFFIX
CASE 751G
N, D8 Packages
D Package*
*SOL and non-standard pinout.
7
6
5
4
3
2
1
B
A
V+
OUTB
−INB
+INB
OUTA
−INA
+INA
V-
Top View
−INA
+INA
NC
V−
NC
NC
+INB
−INB
NC
NC
NC
OUTA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
V+
OUTB
NC
NC
Top View
8
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - NE55

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE55 DIODES-NE55 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Renesas Technology Corp
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
SILICON POWER MOS FET
2007
NE5500134-A RENESAS-NE5500134-A Datasheet
137Kb / 2P
RF & Microwave device
NE5500134-AZ RENESAS-NE5500134-AZ Datasheet
285Kb / 8P
SILICON POWER MOS FET
2007
NE5500134-T1 RENESAS-NE5500134-T1 Datasheet
285Kb / 8P
SILICON POWER MOS FET
2007
More results

Similar Description - NE55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
ON Semiconductor
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
NXP Semiconductors
5532 PHILIPS-5532 Datasheet
308Kb / 4P
Internally Compensated dual low noise Operational amplifier
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com