Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE55
Description  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE55 Datasheet(HTML) 3 Page - ON Semiconductor

  NE55 Datasheet HTML 1Page - ON Semiconductor NE55 Datasheet HTML 2Page - ON Semiconductor NE55 Datasheet HTML 3Page - ON Semiconductor NE55 Datasheet HTML 4Page - ON Semiconductor NE55 Datasheet HTML 5Page - ON Semiconductor NE55 Datasheet HTML 6Page - ON Semiconductor NE55 Datasheet HTML 7Page - ON Semiconductor NE55 Datasheet HTML 8Page - ON Semiconductor NE55 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.) (Notes 2, 3 and 4)
Characteristic
Symbol
Test Conditions
SE5532/A
NE5532/A, SA5532
Unit
Min
Typ
Max
Min
Typ
Max
Offset Voltage
VOS
−
−
0.5
2.0
−
0.5
4.0
mV
−
Overtemperature
−
−
3.0
−
−
5.0
mV
DVOS/DT
−
−
5.0
−
−
5.0
−
mV/°C
Offset Current
IOS
−
−
−
100
−
10
150
nA
−
Overtemperature
−
−
200
−
−
200
nA
DIOS/DT
−
−
200
−
−
200
−
pA/°C
Input Current
IB
−
−
200
400
−
200
800
nA
−
Overtemperature
−
−
700
−
−
1000
nA
DIB/DT
−
−
5.0
−
−
5.0
−
nA/°C
Supply Current
ICC
−
−
8.0
10.5
−
8.0
16
mA
−
Overtemperature
−
−
13
−
−
−
Common-Mode Input Range
VCM
−
"12
"13
−
"12
"13
−
V
Common-Mode Rejection Ratio
CMRR
−
80
100
−
70
100
−
dB
Power Supply Rejection Ratio
PSRR
−
−
10
50
−
10
100
mV/V
Large-Signal Voltage Gain
AVOL
RL w 2.0 kW; VO = "10 V
50
100
−
25
100
−
V/mV
Overtemperature
25
−
−
15
−
−
RL w 600 W; VO = "10 V
40
50
−
15
50
−
Overtemperature
20
−
−
10
−
−
Output Swing
VOUT
RL w 600 W
"12
"13
−
"12
"13
−
V
Overtemperature
"10
"12
−
"10
"12
−
RL w 600 W; VS = "18 V
"15
"16
−
"15
"16
−
Overtemperature
"12
"14
−
"12
"14
−
RL w 2.0 kW
"13
"13.5
−
"13
"13.5
−
Overtemperature
"12
"12.5
−
"10
"12.5
−
Input Resistance
RIN
−
30
300
−
30
300
−
kW
Output Short Circuit Current
ISC
−
10
38
60
10
38
60
mA
2. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.
3. For operation at elevated temperature, derate packages based on the package thermal resistance.
4. Output may be shorted to ground at VS = "15 V, Tamb = 25°C. Temperature and/or supply voltages must be limited to ensure dissipation rating
is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com