Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT87C5103
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT87C5103 Datasheet HTML 21Page - ATMEL Corporation AT87C5103 Datasheet HTML 22Page - ATMEL Corporation AT87C5103 Datasheet HTML 23Page - ATMEL Corporation AT87C5103 Datasheet HTML 24Page - ATMEL Corporation AT87C5103 Datasheet HTML 25Page - ATMEL Corporation AT87C5103 Datasheet HTML 26Page - ATMEL Corporation AT87C5103 Datasheet HTML 27Page - ATMEL Corporation AT87C5103 Datasheet HTML 28Page - ATMEL Corporation AT87C5103 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
25
AT8xC5103
4134C–8051–09/04
Reset Value = 00010100b
Serial Peripheral Status Register
(SPSTA)
The Serial Peripheral Status Register contains flags to signal the following conditions:
•
Data transfer complete
•
Write collision
•
Inconsistent logic level on SS pin (mode fault error)
Table 12 describes the SPSTA register and explains the use of every bit in the register.
Reset Value = 00X0XXXXb
0
SPR0
R/W
100: FCLK PERIPH /32
101: FCLK PERIPH /64
110: FCLK PERIPH /128
111: Don’t Use
Bit
Number
Bit Mnemonic
R/W Mode Description
Table 12. SPSTA: Serial Peripheral Status and Control Register - SPSTA (S:C4h)
76
543210
SPIF
WCOL
SSERR
MODF
-
-
-
-
Bit
Number
Bit Mnemonic R/W Mode Description
7
SPIF
R
Serial Peripheral Data Transfer Flag
Clear by hardware to indicate data transfer is in progress or has been approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
R
Write Collision Flag
Cleared by hardware to indicate that no collision has occurred or has been approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5
SSERR
R
Synchronous Serial Slave Error Flag
Set by hardware when SS is deasserted before the end of a received data.
Cleared by disabling the SPI (clearing SPEN bit in SPCON).
4MODF
R
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or has been approved by a
clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level
3-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com