Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT87C5103
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT87C5103 Datasheet HTML 1Page - ATMEL Corporation AT87C5103 Datasheet HTML 2Page - ATMEL Corporation AT87C5103 Datasheet HTML 3Page - ATMEL Corporation AT87C5103 Datasheet HTML 4Page - ATMEL Corporation AT87C5103 Datasheet HTML 5Page - ATMEL Corporation AT87C5103 Datasheet HTML 6Page - ATMEL Corporation AT87C5103 Datasheet HTML 7Page - ATMEL Corporation AT87C5103 Datasheet HTML 8Page - ATMEL Corporation AT87C5103 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
AT8xC5103
4134C–8051–09/04
Clock
The Errata Sheet core needs only 6 clock periods per machine cycle. This feature,
called ”X2”, provides the following advantages:
•
Divides frequency crystals by 2 (cheaper crystals) while keeping the same CPU
power.
•
Saves power consumption while keeping the same CPU power (oscillator power
saving).
•
Saves power consumption by dividing dynamic operating frequency by 2 in
operating and idle modes.
•
Increases CPU power by 2 while keeping the same crystal frequency.
In order to keep the original C51 compatibility, a divider-by-2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by the software.
Description
The clock for the whole circuit and peripheral is first divided by 2 before being used by
the CPU core and peripherals. This allows any cyclic ratio to be accepted on the XTAL1
input. In X2 Mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic
ratio between 40 to 60%. Figure 1. shows the clock generation block diagram. The X2
bit is validated on the XTAL1
÷ 2 rising edge to avoid glitches when switching from the
X2 to the STD mode. Figure 2 shows the mode switching waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com