Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT87C5103
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT87C5103 Datasheet HTML 30Page - ATMEL Corporation AT87C5103 Datasheet HTML 31Page - ATMEL Corporation AT87C5103 Datasheet HTML 32Page - ATMEL Corporation AT87C5103 Datasheet HTML 33Page - ATMEL Corporation AT87C5103 Datasheet HTML 34Page - ATMEL Corporation AT87C5103 Datasheet HTML 35Page - ATMEL Corporation AT87C5103 Datasheet HTML 36Page - ATMEL Corporation AT87C5103 Datasheet HTML 37Page - ATMEL Corporation AT87C5103 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
34
AT8xC5103
4134C–8051–09/04
Power Management
Table 20. PCON Register
PCON - Power Control Register (87h)
Reset Value = XXX1 0000b
Not bit addressable
Idle Mode
An instruction that sets PCON.0 indicates that it is the last instruction to be executed
before going into the Idle Mode. In the Idle Mode, the internal clock signal is gated off to
the CPU, but not to the interrupt, Timer, and Serial Port functions. The CPU status is
preserved in its entirety: the Stack Pointer, Program Counter, Program Status Word,
Accumulator and all other registers maintain their data during Idle. The port pins hold
the logical states they had at the time Idle was activated.
There are two ways to terminate the Idle Mode. Activation of any enabled interrupt will
cause PCON.0 to be cleared by hardware, terminating the Idle Mode. The interrupt will
be serviced, and following RETI the next instruction to be executed will be the one fol-
lowing the instruction that put the device into idle.
The flag bits GF0 and GF1 can be used to give an indication if an interrupt occurred dur-
ing normal operation or during an Idle. For example, an instruction that activates Idle
can also set one or both flag bits. When Idle is terminated by an interrupt, the interrupt
service routine can examine the flag bits.
The other way of terminating the Idle Mode is with a hardware reset. Since the clock
oscillator is still running, the hardware reset needs to be held active for only two
machine cycles (24 oscillator periods) to complete the reset.
76
543
210
--
--
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3GF1
General-purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2GF0
General-purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1PD
Power-Down Mode Bit
Cleared by hardware when reset occurs.
Set to enter Power-down Mode.
0IDL
Idle Mode Bit
Cleared by hardware when interrupt or reset occurs.
Set to enter Idle Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com