Electronic Components Datasheet Search
  English  ▼

X  

AT83C5103 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT83C5103
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT83C5103 Datasheet HTML 32Page - ATMEL Corporation AT83C5103 Datasheet HTML 33Page - ATMEL Corporation AT83C5103 Datasheet HTML 34Page - ATMEL Corporation AT83C5103 Datasheet HTML 35Page - ATMEL Corporation AT83C5103 Datasheet HTML 36Page - ATMEL Corporation AT83C5103 Datasheet HTML 37Page - ATMEL Corporation AT83C5103 Datasheet HTML 38Page - ATMEL Corporation AT83C5103 Datasheet HTML 39Page - ATMEL Corporation AT83C5103 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
36
AT8xC5103
4134C–8051–09/04
Programmable
Counter Array (PCA)
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of five compare/capture modules. Its clock input can be programmed to count
any one of the following signals:
•
Oscillator frequency
÷ 12 (÷ 6 in X2 Mode)
•
Oscillator frequency
÷ 4 (÷ 2 in X2 Mode)
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
•
Rising and/or falling edge capture,
•
Software timer
•
High-speed output
•
Pulse width modulator
Module 4 can also be programmed as a watchdog timer.
When the compare/capture modules are programmed in the capture mode, software
timer, or high speed output mode, an interrupt can be generated when the module exe-
cutes its function. All five modules and the PCA timer overflow share one interrupt
vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O.
These pins are listed below. If the port is not used for the PCA, it can still be used for
standard I/O.
The PCA timer is a common time base for all five modules (See Figure 21). The timer
count source is determined from the CPS1 and CPS0 bits in the CMOD SFR (see
Table 21) and can be programmed to run at:
•
1/12 the oscillator frequency (or 1/6 in X2 Mode)
•
1/4 the oscillator frequency (or 1/2 in X2 Mode)
•
The Timer 0 overflow
•
The input on the ECI pin (P1.2)
PCA Component
External I/O Pin
16-bit Counter
P1.2/ECI
16-bit Module 0
P1.3/CEX0
16-bit Module 1
P1.4/CEX1
16-bit Module 2
P1.5/CEX2
16-bit Module 3
P1.6/CEX3
16-bit Module 4
P1.7/CEX4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com