Electronic Components Datasheet Search
  English  ▼

X  

AT83C5103 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83C5103
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83C5103 Datasheet HTML 37Page - ATMEL Corporation AT83C5103 Datasheet HTML 38Page - ATMEL Corporation AT83C5103 Datasheet HTML 39Page - ATMEL Corporation AT83C5103 Datasheet HTML 40Page - ATMEL Corporation AT83C5103 Datasheet HTML 41Page - ATMEL Corporation AT83C5103 Datasheet HTML 42Page - ATMEL Corporation AT83C5103 Datasheet HTML 43Page - ATMEL Corporation AT83C5103 Datasheet HTML 44Page - ATMEL Corporation AT83C5103 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
41
AT8xC5103
4134C–8051–09/04
There are two additional registers associated with each of the PCA modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output (See Table 26 &
Table 27)
Table 26. CCAPnH: PCA Modules Capture/Compare Registers High
Table 27. CCAPnL: PCA Modules Capture/Compare Registers Low
Table 28. CH: PCA Counter High
Table 29. CL: PCA Counter Low
CCAPnH
Address
n = 0 - 4
CCAP0H (0FAH)
CCAP1H (0FBH)
CCAP2H (0FCH)
CCAP3H (0FDH)
CCAP4H (0FEH)
765432
1
0
Reset value
0
00000
0
0
CCAPnL
Address
n = 0 - 4
CCAP0L (0EAH)
CCAP1L (0EBH)
CCAP2L (0ECH)
CCAP3L (0EDH)
CCAP4L (0EEH)
76543210
Reset value
00000000
CH
Address
0F9H
76543210
Reset value
00000000
CL
Address
0E9H
76543210
Reset value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com