Electronic Components Datasheet Search
  English  ▼

X  

USB20H04-JD Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 19Page - SMSC Corporation USB20H04-JD Datasheet HTML 20Page - SMSC Corporation USB20H04-JD Datasheet HTML 21Page - SMSC Corporation USB20H04-JD Datasheet HTML 22Page - SMSC Corporation USB20H04-JD Datasheet HTML 23Page - SMSC Corporation USB20H04-JD Datasheet HTML 24Page - SMSC Corporation USB20H04-JD Datasheet HTML 25Page - SMSC Corporation USB20H04-JD Datasheet HTML 26Page - SMSC Corporation USB20H04-JD Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 23
Revision 1.63 (03-30-07)
DATASHEET
BIT
FIELD NAME
DESCRIPTION
3:0
Port Non-Active
Selects which ports are active. A one indicates that the port is
non-active:
Bit 3: Port 4 is non-active.
Bit 2: Port 3 is non-active.
Bit 1: Port 2 is non-active.
Bit 0: Port 1 is non-active.
All zeroes sets all ports active.
Note: Active ports must be contiguous, and must start with port
number 1.
Table 8.4 - Address 8; Config_Byte_1
BIT
FIELD NAME
DESCRIPTION
7
Dynamic Power
Selects the ability to transition to bus-powered operation if the local
power source is removed:
0: No dynamic auto-switching.
1: Dynamic auto-switching ability enabled.
6
On-The-Go
Selects the ability to support an OTG host:
0: No OTG support.
1: OTG support enabled.
5:4
Reserved
Set to zero.
3:0
Over-Current Timer
Selects the over-current timer delay in 2 ms increments for the
active ports.
0101: delay is 2ms
1010: delay is 4ms
1111: delay is 6ms
Note: All other values are reserved
Table 8.5 - Addresses 9 - 11
BIT
FIELD NAME
DESCRIPTION
7:0
Max Power
Current in 2mA increments that the 4-port hub consumes from an
upstream port in this configuration.
A value of 50, or 32(h), indicates 100 mA.
7:0
HubContrCurrent
Absolute maximum current requirement in 2mA increments of the
hub controller electronics.
A value of 50, or 32(h), indicates 100 mA.
7:0
PwrOn2PwrGood
Time in 2ms intervals from the time the power on sequence begins
on a port until power is good on that port.
A value of 50, or 32(h), indicates 100 ms.
8.3
Default Configuration Values
Default values for configuration data are loaded as described in section 8.1.2 and 8.1.3 above. The values
programmed are summarized in Table 8.6 - Default Configuration Values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com