Electronic Components Datasheet Search
  English  ▼

X  

USB20H04-JD Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 26Page - SMSC Corporation USB20H04-JD Datasheet HTML 27Page - SMSC Corporation USB20H04-JD Datasheet HTML 28Page - SMSC Corporation USB20H04-JD Datasheet HTML 29Page - SMSC Corporation USB20H04-JD Datasheet HTML 30Page - SMSC Corporation USB20H04-JD Datasheet HTML 31Page - SMSC Corporation USB20H04-JD Datasheet HTML 32Page - SMSC Corporation USB20H04-JD Datasheet HTML 33Page - SMSC Corporation USB20H04-JD Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
4-Port USB 2.0 Hub Controller
Datasheet
Revision 1.63 (03-30-07)
Page 30
SMSC USB20H04
DATASHEET
OFFSET
FULL
SPEED
HIGH
SPEED
FIELD NAME
DESCRIPTION
4
01h
01h**
bNumInterfaces
Number of interfaces supported by this
configuration
5
01h
01h
bConfigurationValue
Value to use to select configuration.
6
00h
00h
iConfiguration
Index of string descriptor describing this
configuration (string not supported)
7
user/
signal
(Bitmap)
user/
signal
(Bitmap)
bmAttibutes
Same as Configuration Descriptor
8
user
(mA)
user
(mA)
bMaxPower
Same as Configuration Descriptor
* Same as Configuration Descriptor
** 02h for multiple-TT
Table 9.5 - Standard Interface Descriptor
OFFSET
FULL
SPEED
HIGH
SPEED
FIELD NAME
DESCRIPTION
0
09h
09h
bLength
Size of this descriptor in bytes
1
04h
04h
bDescriptorType
INTERFACE Descriptor Type
2
00h
00h
bInterfaceNumber
Number of this interface
3
00h
00h
bAlternateSetting
Value used to select this alternate setting for the
interface
4
01h
01h
bNumEndpoints
Number of endpoints used by this interface (not
including endpoint 0)
5
09h
09h
bInterfaceClass
Class code assigned by USB for Hubs
6
00h
00h
bInterfaceSubClass
Subclass code assigned by USB
7
00h
01h*
bInterfaceProtcol
Protocol code assigned by USB
8
00h
00h
bInterface
Index of string descriptor describing this
configuration (string not supported)
* 02h for multiple-TT
Table 9.6 - Standard Endpoint Descriptor
OFFSET
FULL
SPEED
HIGH
SPEED
FIELD NAME
DESCRIPTION
0
07h
07h
bLength
Size of this descriptor in bytes
1
05h
05h
bDescriptorType
ENDPOINT Descriptor Type
2
81h
81h
bEndpointAddress
The address of the endpoint on the USB device.
3
03h
03h
bmAttributes
Describes the endpoint's attributes (interrupt
only, no synchronization, data endpoint).
4,5
0001h
0001h
wMaxPacketSize
Maximum packet size for this endpoint
6
FFh
0Ch
bInterval
Interval for polling endpoint for data transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com