Electronic Components Datasheet Search
  English  ▼

X  

USB20H04-JD Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 27Page - SMSC Corporation USB20H04-JD Datasheet HTML 28Page - SMSC Corporation USB20H04-JD Datasheet HTML 29Page - SMSC Corporation USB20H04-JD Datasheet HTML 30Page - SMSC Corporation USB20H04-JD Datasheet HTML 31Page - SMSC Corporation USB20H04-JD Datasheet HTML 32Page - SMSC Corporation USB20H04-JD Datasheet HTML 33Page - SMSC Corporation USB20H04-JD Datasheet HTML 34Page - SMSC Corporation USB20H04-JD Datasheet HTML 35Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 33
Revision 1.63 (03-30-07)
DATASHEET
Chapter 10 Application Diagrams
The highly-integrated USB20H04 Hub Controller is complemented with a minimal number of external
components to create a complete four-port Hi-Speed USB hub application. Figure 10.1 illustrates one
possible hardware configuration, but is not a complete schematic. This block diagram shows a
self-powered hub with individual over-current protection and power switching on each downstream port.
V
BUS
D+
D-
GND
GR
AM
V
BUS
D+
D-
GND
GR
AM
V
BUS
D+
D-
GND
GR
AM
V
BUS
D+
D-
GND
GR
AM
OUT1
OUT2
OUT3
OUT4
EN1
OC1
EN2
OC2
EN3
OC3
EN4
OC4
3.3V
1.8V
VBUSDET
USBDP0
USBDM0
SCK/SCL
SD/SDA
SCLK
SD
USBDP1
USBDM1
VBUS1_N
OCS1_N
GR1_N
AM1_N
IN
USB20H04
Dual
Voltage
Regulator
Quad
Power
Switch
Four
Downstream
Ports
Serial
EEPROM
Upstream
Port
5V
Self-Power
5V
Self-Power
V
BUS
D+
D-
IN
OUT1
OUT2
XTAL1
XTAL2
USBDP2
USBDM2
VBUS2_N
OCS2_N
GR2_N
AM2_N
USBDP3
USBDM3
VBUS3_N
OCS3_N
GR3_N
AM3_N
USBDP4
USBDM4
VBUS4_N
OCS4_N
GR4_N
AM4_N
Figure 10.1 - High Level Block Diagram of a Self-Powered Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com