Electronic Components Datasheet Search
  English  ▼

X  

M68HC05 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 302 page
background image
Freescale
6-12
MC68HC05B6
Rev. 4.1
SERIAL COMMUNICATIONS INTERFACE
6
CPOL – Clock polarity
This bit allows the user to select the polarity of the clocks to be sent to the SCLK pin. It works in
conjunction with the CPHA bit to produce the desired clock-data relation (see Figure 6-9 and
Figure 6-10).
1 (set)
–
Steady high value at SCLK pin outside transmission window.
0 (clear) –
Steady low value at SCLK pin outside transmission window.
This bit should not be manipulated while the transmitter is enabled.
CPHA – Clock phase
This bit allows the user to select the phase of the clocks to be sent to the SCLK pin. This bit works
in conjunction with the CPOL bit to produce the desired clock-data relation (see Figure 6-9 and
Figure 6-10).
1 (set)
–
SCLK clock line activated at beginning of data bit.
0 (clear) –
SCLK clock line activated in middle of data bit.
This bit should not be manipulated while the transmitter is enabled.
Figure 6-9 SCI data clock timing diagram (M=0)
Idle or preceding
transmission
clock
Stop
Start
LSB
data
M = 0 (8 data bits)
Idle or next
LBCL bit controls last data clock
transmission
clock
clock
clock
*
*
*
*
*
Start
Stop
01
234
56
MSB
7
(CPOL = 0, CPHA = 0)
(CPOL = 0, CPHA = 1)
(CPOL = 1, CPHA = 0)
(CPOL = 1, CPHA = 1)
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com