Electronic Components Datasheet Search
  English  ▼

X  

M68HC05 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 105Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 106Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 107Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 302 page
background image
Freescale
8-6
MC68HC05B6
Rev. 4.1
ANALOG TO DIGITAL CONVERTER
8
8.3
A/D converter during STOP mode
When the MCU enters STOP mode with the A/D converter turned on, the A/D clocks are stopped
and the A/D converter is disabled for the duration of STOP mode, including the 4064 cycles
start-up time. If the A/D RC oscillator is in operation it will also be disabled.
8.4
A/D converter during WAIT mode
The A/D converter is not affected by WAIT mode and continues normal operation.
In order to reduce power consumption the A/D converter can be disconnected, under software
control using the ADON bit and the ADRC bit in the A/D status/control register at $0009, before
entering WAIT mode.
8.5
Port D analog input
The external analog voltage value to be processed by the A/D converter is sampled on an internal
capacitor through a resistive path, provided by input-selection switches and a sampling aperture
time switch, as shown in Figure 8-2. Sampling time is limited to 12 bus clock cycles. After
sampling, the analog value is stored on the capacitor and held until the end of conversion. During
this hold time, the analog input is disconnected from the internal A/D system and the external
voltage source sees a high impedance input.
The equivalent analog input during sampling is an RC low-pass filter with a minimum resistance
of 50 k
Ω and a capacitance of at least 10pF. It should be noted that these are typical values
measured at room temperature.
Figure 8-2 Electrical model of an A/D input pin
Analog
input
pin
Input protection device
VRL
< 2pF
+ ∼20V
- ∼0.7V
1 µA
junction
leakage
≥ 50kΩ
≥ 10pF
DAC
capacitance
Note:
The analog switch is closed during the 12 cycle sample time only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com