Electronic Components Datasheet Search
  English  ▼

X  

MP1423DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1423DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1423DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1423DN Datasheet HTML 1Page - Monolithic Power Systems MP1423DN Datasheet HTML 2Page - Monolithic Power Systems MP1423DN Datasheet HTML 3Page - Monolithic Power Systems MP1423DN Datasheet HTML 4Page - Monolithic Power Systems MP1423DN Datasheet HTML 5Page - Monolithic Power Systems MP1423DN Datasheet HTML 6Page - Monolithic Power Systems MP1423DN Datasheet HTML 7Page - Monolithic Power Systems MP1423DN Datasheet HTML 8Page - Monolithic Power Systems MP1423DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1423 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1423 Rev. 1.1
www.MonolithicPower.com
3
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
MP1423-TPC02
Soft-Start
CSS Open, VIN = 10V, VOUT = 3.3V,
1.5A Resistive Load
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
MP1423-TPC03
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
1ms/div.
MP1423-TPC04
MP1423-TPC01
100
90
80
70
60
50
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
LOAD CURRENT (A)
Efficiency Curve
VIN = 7V
VIN=5.0V
VIN=2.5V
VIN=3.3V
PIN FUNCTIONS
Pin #
Name
Description
1
BS
High-Side Gate Drive Bootstrap Input. BS supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 4.7nF or greater capacitor from SW to BS to power the high side
switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 6V to 23V power source. Bypass IN to GND with a suitably large capacitor to
eliminate noise on the input to the IC. See Input Capacitor
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to BS
to power the high-side switch.
4
GND
Ground. (Note: For the SOIC8N package, connect the exposed pad on backside to Pin 4).
5
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 1.222V. See
Setting the Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com