Electronic Components Datasheet Search
  English  ▼

X  

MP1423DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1423DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1423DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1423DN Datasheet HTML 3Page - Monolithic Power Systems MP1423DN Datasheet HTML 4Page - Monolithic Power Systems MP1423DN Datasheet HTML 5Page - Monolithic Power Systems MP1423DN Datasheet HTML 6Page - Monolithic Power Systems MP1423DN Datasheet HTML 7Page - Monolithic Power Systems MP1423DN Datasheet HTML 8Page - Monolithic Power Systems MP1423DN Datasheet HTML 9Page - Monolithic Power Systems MP1423DN Datasheet HTML 10Page - Monolithic Power Systems MP1423DN Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1423 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1423 Rev. 1.1
www.MonolithicPower.com
10
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
SOIC8N (EXPOSED PAD)
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
2) Exposed Pad Option (N-Package) ; 2.31mm -2.79mm x 2.79mm - 3.81mm.
Recommend Solder Board Area: 2.80mm x 3.82mm = 10.7mm2 (16.6 mil2)
3) The length of the package does not include mold flash. Mold flash shall not exceed 0.006in. (0.15mm) per side.
With the mold flash included, over-all length of the package is 0.2087in. (5.3mm) max.
4) The width of the package does not include mold flash. Mold flash shall not exceed 0.10in. (0.25mm) per side.
With the mold flash included, over-all width of the package is 0.177in. (4.5mm) max.
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
Land Pattern
.028
.050
0.140 (3.55mm)
0.200 (5.07 mm)
0.060
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)
NOTE 2
NOTE 4
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.000)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
NOTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com