Electronic Components Datasheet Search
  English  ▼

X  

MP1423DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1423DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1423DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1423DN Datasheet HTML 1Page - Monolithic Power Systems MP1423DN Datasheet HTML 2Page - Monolithic Power Systems MP1423DN Datasheet HTML 3Page - Monolithic Power Systems MP1423DN Datasheet HTML 4Page - Monolithic Power Systems MP1423DN Datasheet HTML 5Page - Monolithic Power Systems MP1423DN Datasheet HTML 6Page - Monolithic Power Systems MP1423DN Datasheet HTML 7Page - Monolithic Power Systems MP1423DN Datasheet HTML 8Page - Monolithic Power Systems MP1423DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP1423 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1423 Rev. 1.1
www.MonolithicPower.com
4
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS (continued)
Pin #
Name
Description
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, low to turn it off. For automatic startup, leave EN unconnected.
8
SS
Soft Start Control Input. SS controls the soft start period. Connect a capacitor from SS to GND
to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 10ms. To disable the
soft-start feature, leave SS unconnected.
OPERATION
The MP1423 is a current-mode step-down
regulator. It regulates input voltages from 6V to
23V down to an output voltage as low as
1.222V, and is able to supply up to 3A of load
current.
The MP1423 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal error
amplifier.
The
output
current
of
the
transconductance error amplifier is presented at
COMP where a network compensates the
regulation control system.
The voltage at COMP is compared to the switch
current measured internally to control the output
voltage.
The converter uses an internal N-Channel
MOSFET switch to step-down the input voltage
to the regulated output voltage. Since the
MOSFET requires a gate voltage greater than
the input voltage, a boost capacitor connected
between SW and BS drives the gate. The
capacitor is internally charged while SW is low.
An internal 10Ω switch from SW to GND is used
to insure that SW is pulled to GND when SW is
low to fully charge the BS.capacitor.
MP1423_BD01
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
INTERNAL
REGULATORS
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
SS
8
COMP
6
IN 2
EN 7
GND
4
OSCILLATOR
40/385KHz
S
R
Q
SW
3
BS
1
5V
+
Q
0.7V
+
+
2.37V/
2.71V
+
1.222V
0.7V
+
+
FB
5
--
--
--
--
--
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com