Electronic Components Datasheet Search
  English  ▼

X  

5804 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5804
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5804 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5804 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
738A INSTALLATION GUIDE
|
DIGITAL MONITORING PRODUCTS
Exit Programming
Remove the jumper from the PROGRAM header to exit 738A programming mode. Place the jumper over one pin for
future use. Remove the Model 330 cable and the DMP keypad from the PROG header. After exiting the programming
mode, all zone states report to the panel as normal. Always test and verify all zones for proper communication.
ADDITIONAL INFORMATION
Wiring Specifications
The maximum wire distance between the Ademco™ wireless receiver and the module is 3 feet. Refer to the following
LX‑Bus and Keypad bus wiring specifications.
DMP recommends using 18 or 22 AWG for all LX‑Bus and Keypad Bus connections. The maximum wire distance between
any module and the DMP Keypad Bus or LX‑Bus circuit is 1,000 feet. To increase the wiring distance, install an auxiliary
power supply, such as a DMP Model 505‑12. Maximum voltage drop between a panel or auxiliary power supply and any
device is 2.0 VDC. If the voltage at any device is less than the required level, add an auxiliary power supply at the end of
the circuit.
To maintain auxiliary power integrity when using 22‑gauge wire on Keypad Bus circuits, do not exceed 500 feet. When
using 18‑gauge wire, do not exceed 1,000 feet. Maximum distance for any bus circuit is 2,500 feet regardless of wire
gauge. Each 2,500 foot bus circuit supports a maximum of 40 LX‑Bus devices.
For additional information refer to the LX‑Bus/Keypad Bus Wiring Application Note (LT‑2031) and the 710 Bus Splitter/
Repeater Module Installation Guide (LT‑0310).
Keypad and LX‑Bus Connection
For simple installation, the module connects to the panel 4‑wire keypad data bus. The module can also connect to the
on‑board LX‑Bus of an XR150/XR550 Series panel.
XR150/XR550 Series
Connect the module directly to the Keypad Bus or the LX‑Bus (LX500‑LX900) connectors on the panel.
Note: When programming module zones on the LX‑Bus select NO at the Wireless option in the Zone Information
section of panel programming.
738A LED Operation
The green LED on the module indicates data transmission to the panel.
•
On—There are no transmitters programmed
•
Off—The module is not being programmed or it is not responding to the panel
•
Flashing—The module is transmitting data to the panel or it is being programmed
LED
LED CONDITION
SOUNDER
SYSTEM STATUS
Red
ON Steady
2 Beeps
Armed Away
3 Beeps
Armed Stay or Instant
Flashing
Pulsing
Fire Alarm
Steady
Armed, Burglary Alarm
Green
ON Steady
1 Beep
Disarmed, Ready to Arm
Flashing
Silent
Disarmed, Not Ready to Arm
Table 3: LED and Sounder Operation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com