Electronic Components Datasheet Search
  English  ▼

X  

BP3102 Datasheet(PDF) 7 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3102
Description  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3102 Datasheet(HTML) 7 Page - Bright Power Semiconductor Co., Ltd.

Back Button BP3102 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 10Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BP3102
High Precision PSR Constant Current LED Driver
BP3102_DS_Rev.1.0
www.bpsemi.com
7
Bright Power Semiconductor Co. Confidential – Customer Use Only
Internal Block Diagram
Figure 3. BP3102 Internal Block Diagram
Function Description
The BP3102 is a high performance power switch
specially designed for LED lighting, it uses the
patent constant current control technology of BPS.
The BP3102 integrates a 600V power MOSFET. The
accurate LED current can be realized without
opto-coupler and TL431 feedback circuit while
minimizing the external component count, lowering
the total bill of material cost.
Start Up
The start-up current in BP3102 is designed to as low
as 25uA. The VCC capacitor will be charged through
the start-up resistor when the system is powered on,
once the voltage on VCC reaches the start-up
threshold, the BP3102 will start to operate, and then
the VCC is supplied by the auxiliary winding.
Constant Current Control
Cycle-by-Cycle current sense is offered in BP3102,
the CS is connected to the current sense comparator,
and the voltage on CS will be compared with the
internal 500mV reference voltage, the MOSFET will
be switched off when the voltage on CS reaches the
threshold. The output of the comparator also includes
a 500nS leading edge blanking time
The primary peak current is given by:
)
(
500
P_PK
mA
R
I
CS
=
The current in LED can be calculated by the
equation:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com