Electronic Components Datasheet Search
  English  ▼

X  

BP3102 Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3102
Description  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3102 Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP3102 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BP3102
High Precision PSR Constant Current LED Driver
BP3102_DS_Rev.1.0
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
The BP3102 is a high precision primary-side feedback
and regulation controller for LED lighting, it operates
in constant current control mode and is designed to
work in inductor current discontinuous conduction
mode and extremely suitable for flyback convertor
under universal input, the output power of system
should be less than 5W.
The BP3102 integrates 600V power MOSFET. Since
adopting primary sense and feedback control
technology, the secondary sense and feedback circuit
is eliminated. The loop compensation components are
also removed while maintaining stability overall
operating conditions. The low component counts and
low BOM cost are realized.
Since using the proprietary high accurate current sense
method, the BP3102 realizes ±3% accuracy of LED
current along with excellent line regulation and load
regulation.
The BP3102 offers rich protection functions including
LED short circuit protection, LED open circuit
protection, die over-temperature protection, VCC over
voltage protection, VCC under voltage protection and
FB short circuit protection. All the protection features
are auto-recovery.
Features
Built-in 600V Power MOSFET
Constant current control without secondary sense
and feedback circuit.
±3% LED current accuracy
Ultra low operating current to improve efficiency
High resistance feedback resistor to improve
efficiency
Universal input voltage
LED short and open circuit protection
VCC under-voltage protection
Feedback loop short circuit protection
Current sense resistor open circuit protection
Over temperature protection
No external loop compensation component
required
Available in SOP-8 package
Applications
GU10/E27 LED bulb, spot light
Other LED lighting
Typical Application
Figure 1. Typical application circuit for BP3102


Similar Part No. - BP3102

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP3105 BPS-BP3105 Datasheet
157Kb / 2P
High Precision PSR Constant Current LED Driver
BP3106 BPS-BP3106 Datasheet
157Kb / 2P
High Precision PSR Constant Current LED Driver
More results

Similar Description - BP3102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com