Electronic Components Datasheet Search
  English  ▼

X  

BP3102 Datasheet(PDF) 8 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3102
Description  High Precision PSR Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3102 Datasheet(HTML) 8 Page - Bright Power Semiconductor Co., Ltd.

Back Button BP3102 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 9Page - Bright Power Semiconductor Co., Ltd. BP3102 Datasheet HTML 10Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BP3102
High Precision PSR Constant Current LED Driver
BP3102_DS_Rev.1.0
www.bpsemi.com
8
Bright Power Semiconductor Co. Confidential – Customer Use Only
S
P
OUT
N
N
I
I
×
=
4
P_PK
Where,
NP: primary winding turns of transformer
NS: secondary winding turns of transformer
IP_PK: peak current in MOSFET
Feedback Network
The BP3102 senses the output information through
the feedback network and the FB threshold voltage is
set to 1V. The ratio of FB upper resistor to lower
resistor is recommended to about 4.0. The FB upper
resistor can be set to 300KΩ~750KΩ to improve
efficiency of convertor.
The upper resistor on FB is also used for line
compensation.
The ratio of line compensation can be calculated by
the equation:
()
mV
R
V
V
FBH
AUX
CS
×
×
−
=
Δ
6
10
1
.
1
Where, RFBH is the upper resistor of the feedback
network.
Operation Switching Frequency
The BP3102 is designed to work in discontinuous
conduction mode and no external loop compensation
component is required while maintaining stability.
The maximum duty cycle is limited to 42%. The
maximum switching frequency should be set to less
than 100KHz and the minimum switching frequency
should be set to more than 20KHz. The maximum
and minimum switching frequency is limited in
BP3102 to ensure the stability of system.
The switching frequency can be set by the formula:
LED
LED
I
Lp
Ns
V
Np
f
×
×
×
×
=
2
2
8
Where, LP is the primary winding inductance of
transformer.
Protection Function
The BP3102 has several protection functions. The
internal MOSFET will be shut down immediately
when the voltage on VCC reaches the threshold of
OVP and the device will not recover until the
protection condition is removed. A 19V zener diode
is designed in the BP3102 to prevent the chip
damage from the abnormal situation.
The thermal shutdown circuitry in the BP3102
senses the die temperature after start up, and the
thermal protection threshold is set to 150℃ with a
20
hysteresi
℃
s. When the temperature on die of
BP3102 rises and reaches the threshold, the power
MOSFET will be shut down immediately and
maintained switch off until the temperature on die
falls 20 ℃ from thermal protection trigger point.
The system will work in low consumption mode
when the output LED short circuit or open circuit is
detected, while the BP3102 continuous to detect
output status until the LED recover to normal
condition, and then the device will be operate in
normal mode.
PCB Layout
The following rules should be followed in BP3102
PCB layout:
Bypass Capacitor
The bypass capacitor on VCC should be as close as
possible to the VCC pin
Ground Path
The power ground path for current sense should be
short, and the power ground path should be separated
from small signal ground path before the negative of
the bulk capacitor.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation, such as the
primary current loop, the snubber circuit and the
secondary rectifying loop.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com