Electronic Components Datasheet Search
  English  ▼

X  

732H Datasheet(PDF) 7 Page - Fluke Corporation

Part # 732H
Description  DC Reference Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

732H Datasheet(HTML) 7 Page - Fluke Corporation

  732H Datasheet HTML 1Page - Fluke Corporation 732H Datasheet HTML 2Page - Fluke Corporation 732H Datasheet HTML 3Page - Fluke Corporation 732H Datasheet HTML 4Page - Fluke Corporation 732H Datasheet HTML 5Page - Fluke Corporation 732H Datasheet HTML 6Page - Fluke Corporation 732H Datasheet HTML 7Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7 Fluke Calibration
734A DC Reference Standard
Ordering information
Models
734A Reference Standard
Includes four 732Bs in a rack-width enclosure.
Calibration of each 732B output optional.
732B DC Standard, without calibration certificate,
shipped under a power-off condition.
732B/H DC Standard, with calibration certificate
included, shipped under power.
732B/C DC Standard with drift characterization and
calibration certificate included, shipped under power.
Direct Voltage Maintenance Program
(U.S. only)
732B-200 10 V Output Voltage Calibration On Site
732B-201 Additional 10 V Output Voltage Calibration at
the same site
Bibliography of technical references
Emery, Kletke and Voorheis, A New Approach to Specifying a
DC Reference Standard, Proceedings of the 1992 Measurement
Science Conference.
Field, NBS Technical Note 1239: Solid-State Voltage Standard
Performance and Design Guidelines, Electricity Division, Center
for Basic Standards, National Measurement Laboratory, National
Bureau of Standards, September, 1987.
Huntley, A Primary Standard of Voltage Maintained in Solid-
State References, IEEE Transactions on Instrumentation and
Measurement, Vol. 1M-36, No. 4, December 1987.
Fluke Corporation, Technical Information: Fractional PPM
Traceability Using Your 732A, Application Note B0196A,
January, 1990.
National Conference of Standards Laboratories, Array Josephson
Junction, Recommended Intrinsic/Derived Standards Practice,
RISP-1, August, 1991.
Fluke Calibration
PO Box 9090,
Everett, WA 98206 U.S.A.
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
For more information call:
In the U.S.A. (877) 355-3225 or Fax (425) 446-5116
In Europe/M-East/Africa +31 (0) 40 2675 200 or Fax +31 (0) 40 2675 222
In Canada (800)-36-FLUKE or Fax (905) 890-6866
From other countries +1 (425) 446-5500 or Fax +1 (425) 446-5116
Web access: http://www.flukecal.com
©2002-2012 Fluke Calibration. Specifications subject to change without notice.
Printed in U.S.A. 3/2012 1260120F D-EN-N
Modification of this document is not permitted without written permission
from Fluke Calibration.
Fluke Calibration. Precision, performance, confidence.™



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com