Electronic Components Datasheet Search
  English  ▼

X  

732H Datasheet(PDF) 4 Page - Fluke Corporation

Part # 732H
Description  DC Reference Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

732H Datasheet(HTML) 4 Page - Fluke Corporation

  732H Datasheet HTML 1Page - Fluke Corporation 732H Datasheet HTML 2Page - Fluke Corporation 732H Datasheet HTML 3Page - Fluke Corporation 732H Datasheet HTML 4Page - Fluke Corporation 732H Datasheet HTML 5Page - Fluke Corporation 732H Datasheet HTML 6Page - Fluke Corporation 732H Datasheet HTML 7Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 Fluke Calibration
734A DC Reference Standard
The 734A supports 1.018 V as well
In applications where saturated standard cells
are still used, the 1.018 V output of each 732B
Standard in the 734A Reference greatly simpli-
fies intercomparisons of cell banks. And, like the
10 V output, each 1.018 V output is completely
electrically and mechanically independent to
preserve the integrity of your reference. Unlike
standard cells, the 1.018 V output of the 732B
may be used immediately after shipment,
eliminating the need to let cells stabilize for an
extended period.
Supporting your traceability
requirements
Fluke Calibration provides the products and
services you need to manage your traceability
requirements. New 732Bs can be ordered with
or without calibration certificates. The standard
732B comes without any calibration certifi-
cate, with the intention of the owner providing
traceability as required locally. When delivery
of a new 732B with a calibration certificate is
required, then three alternatives are possible:
•
Calibration. The 732B/H is a 732B where
Fluke Calibration performs an output volt-
age calibration on your new standard. Before
shipment, your standard is compared to direct
voltage standards maintained at Fluke. Your
standard, shipped under power, includes a
Report of Calibration showing the deviation
from nominal and the uncertainty of the cali-
bration. This certificate is traceable to NIST via
Fluke’s Josephson Array, an intrinsic standard
of voltage.
•
Calibration and drift characterization. The
732B/C is similar to the 732B/H, but it adds
drift rate characterization before shipment.
The output voltage is compared to a Fluke
standard for 90 days. Once the drift rate is
known, total uncertainty as a function of
time is greatly reduced. The projected output
voltage is tabulated for 12 months following
calibration. Uncertainty of the projection varies
linearly, from + 0.5 ppm at the time of calibra-
tion to + 1.5 ppm after 12 months.
•
Accredited calibration. Normally, the 732B
calibration certificates are traceable to NIST
but are not considered accredited calibrations.
For an extra charge, an accredited calibra-
tion certificate is available. Contact your Fluke
Calibration representative for details.
Both the 732B/H and 732B/C require that the
standard is shipped to you under power. This
continuous power on condition is required
during shipment through delivery to your lab
for the calibration to remain valid. If continuous
power is not maintained, then the validity of
the calibration certificate may be compromised.
Contact your Fluke Calibration representative to
determine if the 732B/H or 732B/C alternatives
are available in your area.
The Fluke Calibration 732B Standard uses the same specially selected
zener reference technology pioneered in the popular 732A.
732B Standards are small, light and rugged.
Their 72-hour battery life, which can be
extended to 130 hours with the optional
external battery and charger, make them ideal
for transfer standards.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com