Electronic Components Datasheet Search
  English  ▼

X  

732H Datasheet(PDF) 2 Page - Fluke Corporation

Part # 732H
Description  DC Reference Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

732H Datasheet(HTML) 2 Page - Fluke Corporation

  732H Datasheet HTML 1Page - Fluke Corporation 732H Datasheet HTML 2Page - Fluke Corporation 732H Datasheet HTML 3Page - Fluke Corporation 732H Datasheet HTML 4Page - Fluke Corporation 732H Datasheet HTML 5Page - Fluke Corporation 732H Datasheet HTML 6Page - Fluke Corporation 732H Datasheet HTML 7Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 Fluke Calibration
734A DC Reference Standard
However, there is more to a four-cell reference
than four outputs. According to NBS Technical
Note 1239, published by the U.S. National Bureau
of Standards (now NIST) in 1987, four to six
references are required to provide measurement
integrity and redundancy, and to minimize the
number of measurements required. References
must be completely independent of one another.
Otherwise, common elements, such as a power
supply or oven, might affect the correlation of
reference outputs. In addition, with frequent
intercomparisons of four cells, you can detect
when any one of the cells begins to drift beyond
specifications or needs to be repaired.
Each 732B is a stand-alone dc standard with
its own power supply, oven, supporting elec-
tronics and packaging. Each may be purchased
separately, or as a full 734A system, which
includes four 732Bs that slide into a rack-width
enclosure.
A fractional ppm 10 V reference
in your lab
With the 734A, it is remarkably simple to estab-
lish and maintain a fractional part per million
(ppm) primary voltage standard in your labora-
tory. Over time, with frequent intercomparisons
of your four cells, and regular calibrations of one
or more cells, you can reduce the uncertainty of
your 734A by a factor of three.
From 1984 until the acquisition of our 10 V
Josephson Array, the Fluke Calibration Primary
Standards Laboratory maintained its corpo-
rate volt in this manner, reducing the absolute
uncertainty to ± 0.35 ppm traceable to national
standards.
Taking your reference to the workload
Standards laboratory operations have changed.
In the past, people brought their workload to
the standards lab. Today, the functions of the
standards lab are being distributed, requiring
that many calibrations be performed in the field.
The 734A, and its electrically and mechanically
independent 732B Standards, was designed to
meet that need. The voltage reference remains
undisturbed in your laboratory, while at the
same time you can distribute the volt to remote
locations outside the lab. When the unit is
returned to the lab, comparisons can be made to
the reference to determine if a shift has occured
during the transfer. To maintain traceability to
national standards, one cell may be transported
to a national lab or other primary standards lab
for calibration, again, without disturbing the
reference. Each 732B Standard is relatively light,
weighing just 5.9 kg, and its 72-hour battery life
provides ample capacity for long shipments. An
optional external battery extends that capacity
to 130 hours. A special transit case, designed to
hold one 732B and an external battery, simplifies
transport even further.
The 732B can stand up to a lot of abuse. The
inputs can be shorted indefinitely and are pro-
tected up to 1100 V dc, 25 mA, without damaging
the cell or affecting its output.
Ideal support for artifact calibration
Combined with 742A-1 and 742A-10k Resis-
tance Standards, a single 732B makes a tough
and compact artifact calibration support pack-
age for instruments like the 5700A and 5720A
Calibrators from Fluke Calibration or the 3458A
Multimeter from Agilent.
The Fluke Calibration Standards Laboratory offers traceability to its own 10 V Josephson Array,
an intrinsic standard of voltage, and to national standards.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com