Electronic Components Datasheet Search
  English  ▼

X  

BIT3713 Datasheet(PDF) 3 Page - Beyond Innovation Technology Co., Ltd.

Part # BIT3713
Description  High Performance PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITEK [Beyond Innovation Technology Co., Ltd.]
Direct Link  https://www.bitek.com.tw/
Logo BITEK - Beyond Innovation Technology Co., Ltd.

BIT3713 Datasheet(HTML) 3 Page - Beyond Innovation Technology Co., Ltd.

  BIT3713 Datasheet HTML 1Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 2Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 3Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 4Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 5Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 6Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 7Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 8Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 9Page - Beyond Innovation Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Beyond Innovation Technology Co., Ltd.
BIT3713
‘05/12/15
Preliminary
Confidential, for authorized user only
page 3 of 11
B i TEK
DCC
CONTROLLED
December 20, 2005
Features:
Near Zero Stand By Current
Low Power CMOS Process
4.5V ~ 8.0V operation
Fixed High Frequency,
Voltage Mode PWM Control Topology
Latched Off Protection
Build-In 2
ndLow Frequency PWM Generator
Build-In UVLO
Totem Pole Output
16 Pin Package
General Description:
BIT3713 integrated circuit provides the essential PWM
features for DC/DC conversion purpose in a small low cost
16-pin package. Another built-in low frequency PWM
generator provides user more flexible applications. BIT3713
provides latched off protection feature may make the system
more reliable. CMOS process makes BIT3713 consumes
less power while compare to conventional bipolar products.
Pin Layout:
Recommended Operating Condition:
Supply Voltage…………………………….4.5 ~ 8.0V
Operating Ambient Temperature………...-20 ~ 85
Operating Frequency………………….….50K ~ 400K Hz
Functional Block Diagram:
60uA
+
-
Low Frequency PWM Generator
Protection Circuit
MODSEL PWMDC CTPWM PWMOUT
2.5V
1.0V
OUTADJ LOAD
PRT
Digital Control Circuit
CLOCK_H
INI
INN
CMP
1.25V
ERR_AMP
ISEN
OUT1
OUT2
UVLO
CMP_PWM
ON/OFF
Clock
TIMER
& Ramp Wave
Ramp Wave
CTOSC
LOAD
TIMER
PRT
INI
CLOCK_H
Adaptive Adjust
CLOCK_L
Latch
CLOCK_L
Disable
8
9
1
16
INN
CMP
LOAD
CTOSC
TIMER
ONOFF
GND
OUT2
MODSEL
ISEN
OUTADJ
PWMDC
CTPWM
PWMOUT
VDD
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com