Electronic Components Datasheet Search
  English  ▼

X  

BIT3713 Datasheet(PDF) 5 Page - Beyond Innovation Technology Co., Ltd.

Part # BIT3713
Description  High Performance PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITEK [Beyond Innovation Technology Co., Ltd.]
Direct Link  https://www.bitek.com.tw/
Logo BITEK - Beyond Innovation Technology Co., Ltd.

BIT3713 Datasheet(HTML) 5 Page - Beyond Innovation Technology Co., Ltd.

  BIT3713 Datasheet HTML 1Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 2Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 3Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 4Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 5Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 6Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 7Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 8Page - Beyond Innovation Technology Co., Ltd. BIT3713 Datasheet HTML 9Page - Beyond Innovation Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Beyond Innovation Technology Co., Ltd.
BIT3713
‘05/12/15
Preliminary
Confidential, for authorized user only
page 5 of 11
B i TEK
DCC
CONTROLLED
December 20, 2005
Functional Description:
The Power On Initialization:
BIT3713 is in an “initial
state” when TIMER pin voltage is less than 0.3V. An
internal current source charges the external capacitor
connected on TIMER pin determines the operation
timing of BIT3713. This current provides about 20uA
when TIMER pin voltage is less than 0.3V, or about 1uA
when TIMER pin voltage is large than 0.3V. Table 2
lists the states of each key features during TIMER pin
voltage is less than 0.3V.
Table 2 BIT3713 initial states
To Set the Operation Frequency of the 1
st High
Frequency PWM Controller:
An external capacitor
CCTOSC pin CTOSC determines the frequency as
equation (1)
The frequency of the 1
st high frequency PWM controller
is:
Or a 100KHz operation PWM control system if an 820pF
capacitor is connected to pin CTOSC. Equation (1) is
valid only when VDD=6V, temperature=30ºC and
frequency
(80K ~ 120K)Hz.
Fig. 1 shows the
relationship between the frequency of the high frequency
PWM and CTOSC capacitance.
The 1
st Latched Off Protection: The ISEN pin may be
used for detecting if the operation is controlled stably
during normal operation. For most of the applications, to
define a “staring period” in which period no power deliver
to the load side, are necessary.
BIT3713 disable the
latched off function when TIMER pin voltage < 2.5V. If
“TIMER >2.5V and ISEN < 1.3V” for 32 cycles of the 2
nd
low frequency PWM, BIT3713 will shut down the output
pins, OUT1 and OUT2 until the system is powered on
again. The detail is as bellow:
During TIMER > 2.5V, the system operates normally when
the ISEN > or < than 1.3V. The lathed off function
performs when ISEN has continuously been kept < 1.3V
for 32 cycles of the 2nd low frequency PWM.
The
Output
Adjustment
and
2
nd
Latched
Off
Protection:
The OUTADJ pin may be used for
detecting if the PWM control system operates normally. An
about 60uA current source will charge the INN pin to
adjust the output of CMP while OUTADJ > 2.0V. The
latched off abnormal protection performs while TIMER >
2.5V.
If “TIMER > 2.5V and OUTADJ > 2.0V” for 32
cycles of the 1
st high frequency PWM, BIT3713 will shut
down the output pins, OUT1 and OUT2, until the system is
powered on again. The detail is as bellow:
During TIMER > 2.5V, the system operates normally when
the OUTADJ > or < than 2.0V. The lathed off function
performs when OUTADJ has continuously been kept >
2.0V for 32 cycles of the 1st high frequency PWM.
Or, a pulse signal on OUTADJ pin with > 50KHz which
may > 2.0V or < 2.0V. BIT3713 performs latched off
function when TIMER > 2.5V and the pulse signal has
continuously present on OUTADJ pin for 32 cycles of the
1
st high frequency PWM.
To Set The Frequency Deviation of High Frequency
PWM During Different Loading Condition: A
connected between GND and LOAD resistor may increase
the operation frequency of CTOSC.
An internal switch of
the LOAD pin is closed may be used to change the
frequency of CTOSC before ISEN had been triggered to
larger than 1.3V.
In many cases, the resonance
frequency of the load is varied while the load is changed.
For obtaining the better performance, the operation
frequency of the PWM controller must fit to the resonance
frequency of the load.
The following diagram shows
how the load resistance changes the 100KHz operation
frequency of CTOSC pin.
In above case, CTOSC is
connected by an 820pF capacitor. The normal operation
frequency of high frequency PWM is 100KHz.
If a
different frequency says Fn is the set for normal operation.
In BIT3713, the internal switch of the LOAD pin is ‘frozen”
to “open” status when the ISEN > 1.3V.
Pin Number Pin Name
Status
4
CTOSC
Normally run
8
OUT1
Forced to GND level
9
OUT2
Forced to VDD level
11
PWMOUT Floating
12
CTPWM
Normally run
)
..(1
..........
5
-
8.2e
K
,
C
K
F
HF
CTOSC
HF
HFPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com